Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC8017-H Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPC8017-H
Description  High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8017-H Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPC8017-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8017-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8017-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8017-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8017-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8017-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8017-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPC8017-H
2006-11-16
5
2
0
0
40
80
120
1.2
1.6
160
0.8
0.4
(1)
(2)
160
−40
0
40
80
120
−80
20
16
12
8
4
0
ID = 15A
VGS = 10 V
VGS = 4.5 V
ID = 3.8A,7.5A,15A
3.8A,7.5A
0
0.5
1
1.5
−80
−40
0
40
80
120
160
2
0
0.1
−0.2
10
100
1000
−0.6
−0.8
−1.0
VGS = 0 V
10
4.5
1
3
−0.4
1
10
0.1
100
1000
10000
1
10
100
Ciss
Coss
Crss
ソース接地
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
0
8
24
VDD = 6 V
VDS
VGS
24
12
32
40
50
20
10
30
40
0
16
20
8
4
12
16
0
Drain-source voltage VDS (V)
Capacitance – VDS
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Drain-source voltage VDS (V)
IDR – VDS
Common source
Ta
= 25°C
Pulse test
Ambient temperature Ta (°C)
Vth – Ta
Common source
VDS = 10 V
ID = 1 mA
Pulse test
Ambient temperature Ta (°C)
RDS (ON) – Ta
Common source
Pulse test
Common source
ID = 15 A
Ta
= 25°C
Pulse test
Total gate charge Qg (nC)
Dynamic input/output
characteristics
2.5
Ambient temperature Ta (°C)
PD – Ta
(1)Device mounted on a
glass-epoxy board(a) (Note 2a)
(2)Device mounted on a
glass-epoxy board(b) (Note 2b)
t=
10s


Similar Part No. - TPC8017-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8017-H TOSHIBA-TPC8017-H Datasheet
291Kb / 7P
   High Speed and High Efficiency DC-DC Converters Notebook PC Applications Portable Equipment Applications
More results

Similar Description - TPC8017-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8045-H TOSHIBA-TPCA8045-H Datasheet
206Kb / 7P
   High-Effciency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8A07-H TOSHIBA-TPC8A07-H Datasheet
283Kb / 12P
   HIgh Effciency DC-DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCP8005-H TOSHIBA-TPCP8005-H Datasheet
217Kb / 7P
   High-Effciency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8018-H TOSHIBA-TPC8018-H Datasheet
475Kb / 7P
   High-Speed and High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8009-H TOSHIBA-TPC8009-H_06 Datasheet
226Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCA8003-H TOSHIBA-TPCA8003-H Datasheet
470Kb / 7P
   High Efficiency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8013-H TOSHIBA-TPC8013-H_06 Datasheet
208Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCP8103-H TOSHIBA-TPCP8103-H_09 Datasheet
253Kb / 7P
   High Efficiency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications CCFL Inverter Applications
TPC6011 TOSHIBA-TPC6011 Datasheet
219Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCP8006 TOSHIBA-TPCP8006_1 Datasheet
221Kb / 7P
   Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com