Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC8009-H Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPC8009-H
Description  High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8009-H Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPC8009-H_06 Datasheet HTML 1Page - Toshiba Semiconductor TPC8009-H_06 Datasheet HTML 2Page - Toshiba Semiconductor TPC8009-H_06 Datasheet HTML 3Page - Toshiba Semiconductor TPC8009-H_06 Datasheet HTML 4Page - Toshiba Semiconductor TPC8009-H_06 Datasheet HTML 5Page - Toshiba Semiconductor TPC8009-H_06 Datasheet HTML 6Page - Toshiba Semiconductor TPC8009-H_06 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TPC8009-H
2006-11-16
2
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2a)
Rth (ch-a)
65.8
°C/W
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2b)
Rth (ch-a)
125
°C/W
Marking (Note 5)
Note 1: The channel temperature should not exceed 150°C during use.
Note 2: (a) Device mounted on a glass-epoxy board (a)
(b) Device mounted on a glass-epoxy board (b)
Note 3: VDD = 24 V, Tch = 25°C (initial), L = 1.0 mH, RG = 25 Ω, IAR = 13 A
Note 4: Repetitive rating: pulse width limited by max channel temperature.
Note 5:
• on the lower left of the marking indicates Pin 1.
(a)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
(b)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
* Weekly code: (Three digits)
Week of manufacture
(01 for first week of year, continuing up to 52 or 53)
Year of manufacture
(The last digit of the calendar year)
TPC8009
H
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - TPC8009-H_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8009-H TOSHIBA-TPC8009-H Datasheet
185Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
More results

Similar Description - TPC8009-H_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8003-H TOSHIBA-TPCA8003-H Datasheet
470Kb / 7P
   High Efficiency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8013-H TOSHIBA-TPC8013-H_06 Datasheet
208Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCP8103-H TOSHIBA-TPCP8103-H_09 Datasheet
253Kb / 7P
   High Efficiency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications CCFL Inverter Applications
TPCA8045-H TOSHIBA-TPCA8045-H Datasheet
206Kb / 7P
   High-Effciency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8A07-H TOSHIBA-TPC8A07-H Datasheet
283Kb / 12P
   HIgh Effciency DC-DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8017-H TOSHIBA-TPC8017-H_06 Datasheet
543Kb / 7P
   High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCP8005-H TOSHIBA-TPCP8005-H Datasheet
217Kb / 7P
   High-Effciency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8037-H TOSHIBA-TPC8037-H Datasheet
215Kb / 7P
   High-Efficiency DC-DC Converter Applications Notebook PC Applications
TPCA8A02-H TOSHIBA-TPCA8A02-H Datasheet
208Kb / 8P
   High Efficiency DC-DC Converter Applications Notebook PC Applications
TPC8A05-H TOSHIBA-TPC8A05-H Datasheet
228Kb / 8P
   High Efficiency DC-DC Converter Applications Notebook PC Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com