Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK70A06J1 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TK70A06J1
Description  Switching Regualtor Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK70A06J1 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TK70A06J1 Datasheet HTML 1Page - Toshiba Semiconductor TK70A06J1 Datasheet HTML 2Page - Toshiba Semiconductor TK70A06J1 Datasheet HTML 3Page - Toshiba Semiconductor TK70A06J1 Datasheet HTML 4Page - Toshiba Semiconductor TK70A06J1 Datasheet HTML 5Page - Toshiba Semiconductor TK70A06J1 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TK70A06J1
2009-09-29
5
EAS – Tch
Channel temperature (initial) Tch (°C)
−5 V
20 V
IAR
BVDSS
VDD
VDS
RG = 1 Ω
VDD = 25 V, L = 200 μH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS
Test circuit
Waveform
rth – tw
Pulse width tw (s)
10
0.01
10μ
0.1
1
100μ
1m
10m
100m
1
10
Duty = 0.5
0.2
0.1
SINGLE PULSE
0.05
0.02
0.01
0.001
T
PDM
t
Duty
= t/T
Rth (ch-c) = 2.78°C/W
100
μs *
1 ms *
1000
0.1
10
0.1
1
100
0.01
100
10
1
Single pulse Ta=25℃
Curves must be derated
linearly with increase in
temperature.
ID max (pulse) *
ID max (continuous)
DC OPEATION
Tc
= 25°C
VDSS max
SAFE OPERATING AREA
Drain-source voltage VDS (V)
800
600
400
200
0
25
50
75
100
125
150
1000


Similar Part No. - TK70A06J1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK70A06J1 TOSHIBA-TK70A06J1 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TK70A06J1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA76431F TOSHIBA-TA76431F Datasheet
269Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGUALTOR
logo
Fairchild Semiconductor
FJX3012R FAIRCHILD-FJX3012R Datasheet
32Kb / 3P
   Switching Application
FJX4001R FAIRCHILD-FJX4001R Datasheet
42Kb / 4P
   Switching Application
FJX4002R FAIRCHILD-FJX4002R Datasheet
42Kb / 4P
   Switching Application
FJX4007R FAIRCHILD-FJX4007R Datasheet
43Kb / 4P
   Switching Application
FJX4009R FAIRCHILD-FJX4009R Datasheet
39Kb / 4P
   Switching Application
FJX4012R FAIRCHILD-FJX4012R Datasheet
32Kb / 3P
   Switching Application
FJX4013R FAIRCHILD-FJX4013R Datasheet
33Kb / 3P
   Switching Application
KSR1003 FAIRCHILD-KSR1003 Datasheet
37Kb / 4P
   Switching Application
KSR1103 FAIRCHILD-KSR1103 Datasheet
56Kb / 4P
   Switching Application
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com