Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK60D08J1 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TK60D08J1
Description  Switching Regulator Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK60D08J1 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TK60D08J1 Datasheet HTML 1Page - Toshiba Semiconductor TK60D08J1 Datasheet HTML 2Page - Toshiba Semiconductor TK60D08J1 Datasheet HTML 3Page - Toshiba Semiconductor TK60D08J1 Datasheet HTML 4Page - Toshiba Semiconductor TK60D08J1 Datasheet HTML 5Page - Toshiba Semiconductor TK60D08J1 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TK60D08J1
2009-09-29
4
Vth − Tc
RDS (ON) − Tc
.
IDR − VDS
PD − Tc
200
50
100
150
0
0
80
40
160
120
100
0
60
40
0
40
60
20
0
20
100
1000
0.1
100
1
10
10000
80
100
0
0.4
0.8
2.0
1
3
1000
100
Common source
Tc
= 25°C
Pulse Test
0
1
10
5
3
1.2
1.6
Ciss
Coss
Crss
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
0
−80
0
40
80
120
160
−40
1
2
3
4
5
Common source
VDS = 10 V
ID = 1mA
Pulse Test
200
Case temperature Tc (°C)
Case temperature Tc (°C)
Total gate charge Qg (nC)
Capacitance – VDS
Drain-source voltage VDS (V)
Case temperature Tc (°C)
Drain-source voltage VDS (V)
Dynamic input / output
characteristics
VDD = 15V
30V
60V
VDS
VGS
Common source
ID = 60 A
Ta
= 25°C
Pulse Test
80
20
4
8
16
12
10
300
30
0
20
8
12
−80
0
40
80
120
160
−40
16
4
ID = 60 A
30
Common source
Pulse Test
15
15
60
30
VGS = 10V
VGS = 4.5V


Similar Part No. - TK60D08J1

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK60D1A1B1T2RE GREATECS-TK60D1A1B1T2RE Datasheet
477Kb / 1P
   Sealed Ultraminiature Toggle Switches
TK60D1A1B1T6RE GREATECS-TK60D1A1B1T6RE Datasheet
477Kb / 1P
   Sealed Ultraminiature Toggle Switches
TK60D1A1B1T7RE GREATECS-TK60D1A1B1T7RE Datasheet
477Kb / 1P
   Sealed Ultraminiature Toggle Switches
More results

Similar Description - TK60D08J1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMN03T80IS KODENSHI-SMN03T80IS Datasheet
391Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMK0825FZ KODENSHI-SMK0825FZ Datasheet
324Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMN0250F KODENSHI-SMN0250F Datasheet
350Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMK0990CI KODENSHI-SMK0990CI Datasheet
263Kb / 8P
   SWITCHING REGULATOR APPLICATION
logo
Toshiba Semiconductor
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
190Kb / 6P
   Switching Regulator Application
TK70D06J1 TOSHIBA-TK70D06J1_09 Datasheet
224Kb / 6P
   Switching Regulator Application
logo
KODENSHI_AUK CORP.
SMK1360FD KODENSHI-SMK1360FD Datasheet
347Kb / 8P
   SWITCHING REGULATOR APPLICATION
logo
First Silicon Co., Ltd
MJE13003A FS-MJE13003A Datasheet
191Kb / 2P
   SWITCHING REGULATOR APPLICATION.
MJE13003I FS-MJE13003I Datasheet
211Kb / 2P
   SWITCHING REGULATOR APPLICATION
logo
KODENSHI_AUK CORP.
SMK0460D KODENSHI-SMK0460D Datasheet
334Kb / 8P
   SWITCHING REGULATOR APPLICATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com