Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK50P04M1 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TK50P04M1
Description  High-Efficiency DC-DC Converter Applications Switching Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK50P04M1 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TK50P04M1 Datasheet HTML 1Page - Toshiba Semiconductor TK50P04M1 Datasheet HTML 2Page - Toshiba Semiconductor TK50P04M1 Datasheet HTML 3Page - Toshiba Semiconductor TK50P04M1 Datasheet HTML 4Page - Toshiba Semiconductor TK50P04M1 Datasheet HTML 5Page - Toshiba Semiconductor TK50P04M1 Datasheet HTML 6Page - Toshiba Semiconductor TK50P04M1 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TK50P04M1
2009-09-08
2
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
2.08
°C / W
Thermal resistance, channel to ambient
Rth (ch−a)
125
°C / W
Marking (Note 4)
Note 1: The channel temperature should not exceed 150°C during use.
Note 2: VDD = 32 V, Tch = 25°C (initial), L = 20 μH, RG = 25 Ω, IAR = 50 A
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
Note 4: * Weekly code: (Four digits)
TK50P04M
Lot No.
Part No. (or abbreviation code)
Week of manufacture
(01 for first week of year, continuing up to 52 or 53)
Year of manufacture
(The last 2 digits of the calendar year)


Similar Part No. - TK50P04M1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK50P04M1 TOSHIBA-TK50P04M1 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
TK50P04M1 ISC-TK50P04M1 Datasheet
333Kb / 2P
   iscN-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
TK50P04M1 DOINGTER-TK50P04M1 Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
TK50P04M1 VBSEMI-TK50P04M1 Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

Similar Description - TK50P04M1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8007-H TOSHIBA-TPCS8007-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8009-H TOSHIBA-TPCS8009-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8008-H TOSHIBA-TPCS8008-H_09 Datasheet
228Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8004 TOSHIBA-TPCS8004_09 Datasheet
211Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8004 TOSHIBA-TPCS8004_07 Datasheet
268Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8008-H TOSHIBA-TPCS8008-H Datasheet
215Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
2SK3444 TOSHIBA-2SK3444_09 Datasheet
200Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3302 TOSHIBA-2SK3302 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445_09 Datasheet
189Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3538 TOSHIBA-2SK3538 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com