Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F86J72 Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC18F86J72
Description  80-Pin, High-Performance Microcontrollers with Dual Channel AFE, LCD Driver and nanoWatt Technology
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F86J72 Datasheet(HTML) 5 Page - Microchip Technology

  PIC18F86J72 Datasheet HTML 1Page - Microchip Technology PIC18F86J72 Datasheet HTML 2Page - Microchip Technology PIC18F86J72 Datasheet HTML 3Page - Microchip Technology PIC18F86J72 Datasheet HTML 4Page - Microchip Technology PIC18F86J72 Datasheet HTML 5Page - Microchip Technology PIC18F86J72 Datasheet HTML 6Page - Microchip Technology PIC18F86J72 Datasheet HTML 7Page - Microchip Technology PIC18F86J72 Datasheet HTML 8Page - Microchip Technology PIC18F86J72 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 480 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39979A-page 5
PIC18F87J72 FAMILY
Typical Application Circuit: Single-Phase Power Meter
LCD Glass
L N
EEPROM
RS-485
RF/PLC
Current
Sensor(s)(1)
SEG/COM
SPI/I2C™
CTMU
CH0+
CH0-
CH1+
CH1-
UART1
UART2
Touch
Keypad
Temperature
Sensor
Up to 33 SEG/4 COM
24-Bit
AFE with
PGA
PIC18F87J72(2)
Low-Voltage
Detect
12-Bit A/D
H/W RTCC
32 kHz
10 MHz
Note 1:
Generic current sense configuration shown. Many circuit configurations using current and/or voltage
sensing are possible, including the use of shunts, transformers or Rogowski coils.
2:
Power metering, with the measurement of active and reactive power, is done with the power metering
firmware application available through Microchip Technology.
Line Voltage
Measurement
Digital I/O
Indicator LEDs
Anti-tamper sensors
MAIN OSC


Similar Part No. - PIC18F86J72

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F86J10 MICROCHIP-PIC18F86J10 Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
PIC18F86J10 MICROCHIP-PIC18F86J10 Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
PIC18F86J10 MICROCHIP-PIC18F86J10 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC18F86J10-I/PTQTP MICROCHIP-PIC18F86J10-I/PTQTP Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
PIC18F86J10-I/PTSQTP MICROCHIP-PIC18F86J10-I/PTSQTP Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
More results

Similar Description - PIC18F86J72

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F85J90 MICROCHIP-PIC18F85J90_10 Datasheet
3Mb / 416P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2010
PIC18F86J90-I MICROCHIP-PIC18F86J90-I Datasheet
3Mb / 450P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
12/30/09
PIC18F87J90 MICROCHIP-PIC18F87J90 Datasheet
3Mb / 450P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2010
PIC18F85J90 MICROCHIP-PIC18F85J90 Datasheet
6Mb / 411P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F87K90 MICROCHIP-PIC18F87K90 Datasheet
4Mb / 566P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt XLP Technology
2010
PIC18F6390 MICROCHIP-PIC18F6390 Datasheet
6Mb / 412P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2004
PIC18F6390 MICROCHIP-PIC18F6390_07 Datasheet
7Mb / 414P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F85J11 MICROCHIP-PIC18F85J11 Datasheet
6Mb / 396P
   64/80-Pin High-Performance Microcontrollers with nanoWatt Technology
2007
PIC18F87J93 MICROCHIP-PIC18F87J93 Datasheet
821Kb / 54P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver, 12-Bit A/D and nanoWatt Technology
2009
PIC18F6393 MICROCHIP-PIC18F6393_09 Datasheet
1,000Kb / 58P
   64/80-Pin High Performance, Flash Microcontrollers with LCD Driver, 12-Bit ADC and nanoWatt Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com