Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F86J72 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F86J72
Description  80-Pin, High-Performance Microcontrollers with Dual Channel AFE, LCD Driver and nanoWatt Technology
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F86J72 Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F86J72 Datasheet HTML 1Page - Microchip Technology PIC18F86J72 Datasheet HTML 2Page - Microchip Technology PIC18F86J72 Datasheet HTML 3Page - Microchip Technology PIC18F86J72 Datasheet HTML 4Page - Microchip Technology PIC18F86J72 Datasheet HTML 5Page - Microchip Technology PIC18F86J72 Datasheet HTML 6Page - Microchip Technology PIC18F86J72 Datasheet HTML 7Page - Microchip Technology PIC18F86J72 Datasheet HTML 8Page - Microchip Technology PIC18F86J72 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 480 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39979A-page 3
Analog Features:
• Dual-Channel, 24-Bit Analog Front End (AFE):
- 90 dB SINAD, -101 dBc THD (to 35th harmonic),
103 dB SFDR for each channel
- 10 ppm INL
- Differential voltage input pins
- Low drift internal voltage reference (12 ppm/°C)
- Programmable data rate to 64 ksps
- High-gain PGA on each channel (up to 32 V/V)
- Phase delay compensation between channels
(1 µs resolution)
• 12-Bit, 12-Channel SAR A/D Converter:
- Auto-acquisition
- Conversion available during Sleep
• Two Analog Comparators
• Programmable Reference Voltage for Comparators
• Charge Time Measurement Unit (CTMU):
- Capacitance measurement
- Time measurement with 1 ns typical resolution
- Temperature sensing
LCD Driver and Keypad Interface
Features:
• Direct LCD Panel Drive Capability:
- Can drive LCD panel while in Sleep mode
- Wake-up from interrupt
• Up to 33 Segments and 132 Pixels: Software Selectable
• Programmable LCD Timing module:
- Multiple LCD timing sources available
- Up to four commons: static, 1/2, 1/3 or
1/4 multiplex
- Static, 1/2 or 1/3 bias configuration
• On-Chip LCD Boost Voltage Regulator for
Contrast Control
• CTMU for Capacitive Touch Sensing
• ADC for Resistive Touch Sensing
Flexible Oscillator Structure:
• External Crystal and Clock modes, with operation
up to 48 MHz
• 4x Phase Lock Loop (PLL)
• Internal Oscillator Block with PLL:
- Eight user-selectable frequencies from 31.25 kHz
to 8 MHz
• Secondary Oscillator using Timer1 at 32 kHz
• Fail-Safe Clock Monitor (FSCM):
- Allows for safe shutdown if peripheral clock fails
Low-Power Features:
• Power-Managed modes:
- Run: CPU on, peripherals on
- Idle: CPU off, peripherals on
- Sleep: CPU off, peripherals off
• Two-Speed Oscillator Start-up
Peripheral Highlights:
• High-Current Sink/Source 25 mA/25 mA
(PORTB and PORTC)
• Up to Four External Interrupts
• Four 8-Bit/16-Bit Timer/Counter modules
• Two Capture/Compare/PWM (CCP) modules
• Master Synchronous Serial Port (MSSP) module with
Two Modes of Operation:
- 3-wire/4-wire SPI (supports all four SPI modes)
-I2C™ Master and Slave mode
• One Addressable USART module
• One Enhanced Addressable USART module:
- LIN/J2602 support
- Auto-wake-up on Start bit and Break character
- Auto-Baud Detect (ABD)
• Hardware Real-Time Clock and Calendar (RTCC) with
Clock, Calendar and Alarm Functions
Special Microcontroller Features:
• 10,000 Erase/Write Cycle Flash Program
Memory, Typical
• Flash Retention 20 Years, Minimum
• Self-Programmable under Software Control
• Word Write Capability for Flash Program Memory for
Data EEPROM Emulators
• Priority Levels for Interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 131s
• Selectable Open-Drain Configuration for Serial
Communication and CCP pins for Driving Outputs up to 5V
• In-Circuit Serial Programming™ (ICSP™) via Two Pins
• In-Circuit Debug via Two Pins
• Operating Voltage Range: 4.5V to 5.5V (
ADC), 2.0V
to 3.6V (digital and SAR ADC)
• 5.5V Tolerant Input (digital pins only)
• On-Chip 2.5V Regulator
Target Applications:
• Energy Metering
• Power Measurement and Monitoring
• Portable Instrumentation
• Medical Monitoring
PIC18F87J72 FAMILY
80-Pin, High-Performance Microcontrollers with
Dual-Channel AFE, LCD Driver and nanoWatt Technology


Similar Part No. - PIC18F86J72

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F86J10 MICROCHIP-PIC18F86J10 Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
PIC18F86J10 MICROCHIP-PIC18F86J10 Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
PIC18F86J10 MICROCHIP-PIC18F86J10 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC18F86J10-I/PTQTP MICROCHIP-PIC18F86J10-I/PTQTP Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
PIC18F86J10-I/PTSQTP MICROCHIP-PIC18F86J10-I/PTSQTP Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
More results

Similar Description - PIC18F86J72

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F85J90 MICROCHIP-PIC18F85J90_10 Datasheet
3Mb / 416P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2010
PIC18F86J90-I MICROCHIP-PIC18F86J90-I Datasheet
3Mb / 450P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
12/30/09
PIC18F87J90 MICROCHIP-PIC18F87J90 Datasheet
3Mb / 450P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2010
PIC18F85J90 MICROCHIP-PIC18F85J90 Datasheet
6Mb / 411P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F87K90 MICROCHIP-PIC18F87K90 Datasheet
4Mb / 566P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt XLP Technology
2010
PIC18F6390 MICROCHIP-PIC18F6390 Datasheet
6Mb / 412P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2004
PIC18F6390 MICROCHIP-PIC18F6390_07 Datasheet
7Mb / 414P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F85J11 MICROCHIP-PIC18F85J11 Datasheet
6Mb / 396P
   64/80-Pin High-Performance Microcontrollers with nanoWatt Technology
2007
PIC18F87J93 MICROCHIP-PIC18F87J93 Datasheet
821Kb / 54P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver, 12-Bit A/D and nanoWatt Technology
2009
PIC18F6393 MICROCHIP-PIC18F6393_09 Datasheet
1,000Kb / 58P
   64/80-Pin High Performance, Flash Microcontrollers with LCD Driver, 12-Bit ADC and nanoWatt Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com