Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK50P03M1 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TK50P03M1
Description  High-Efficiency DC-DC Converter Applications Desktop PC Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK50P03M1 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TK50P03M1 Datasheet HTML 1Page - Toshiba Semiconductor TK50P03M1 Datasheet HTML 2Page - Toshiba Semiconductor TK50P03M1 Datasheet HTML 3Page - Toshiba Semiconductor TK50P03M1 Datasheet HTML 4Page - Toshiba Semiconductor TK50P03M1 Datasheet HTML 5Page - Toshiba Semiconductor TK50P03M1 Datasheet HTML 6Page - Toshiba Semiconductor TK50P03M1 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TK50P03M1
2009-09-08
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±20 V, VDS = 0 V
±100
nA
Drain cutoff current
IDSS
VDS = 30 V, VGS = 0 V
10
μA
V (BR) DSS
ID = 10 mA, VGS = 0 V
30
Drain-source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = −20 V
15
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 0.2 mA
1.3
2.3
V
VGS = 4.5 V, ID = 25 A
7.5
9.8
Drain-source ON-resistance
RDS (ON)
VGS = 10 V, ID = 25 A
5.8
7.5
m
Ω
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 25 A
45
90
S
Input capacitance
Ciss
1700
Reverse transfer capacitance
Crss
125
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
380
pF
Gate resistance
rg
VDS = 10 V, VGS = 0 V, f = 5 MHz
1.7
Ω
Rise time
tr
20
Turn-on time
ton
25
Fall time
tf
22
Switching time
Turn-off time
toff
Duty
≤ 1%, tw = 10 μs
64
ns
VDD ≈ 24 V, VGS = 10 V, ID = 50 A
25.3
Total gate charge
(gate-source plus gate-drain)
Qg
VDD ≈ 24 V, VGS = 5 V, ID = 50 A
13.3
Gate-source charge 1
Qgs1
6.3
Gate-drain (“Miller”) charge
Qgd
4.6
Gate switch charge
QSW
VDD ≈ 24 V, VGS = 10 V, ID = 50 A
8.2
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse
(Note 1)
IDRP
150
A
Forward voltage (diode)
VDSF
IDR = 50 A, VGS = 0 V
−1.2
V
VDD ≈ 15 V
0 V
VGS
10 V
ID = 25 A
VOUT


Similar Part No. - TK50P03M1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK50P03M1 TOSHIBA-TK50P03M1 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
TK50P03M1 ISC-TK50P03M1 Datasheet
332Kb / 2P
   iscN-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
TK50P03M1 VBSEMI-TK50P03M1 Datasheet
1Mb / 8P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - TK50P03M1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8037-H TOSHIBA-TPC8037-H Datasheet
215Kb / 7P
   High-Efficiency DC-DC Converter Applications Notebook PC Applications
TPCA8A02-H TOSHIBA-TPCA8A02-H Datasheet
208Kb / 8P
   High Efficiency DC-DC Converter Applications Notebook PC Applications
TPC8A05-H TOSHIBA-TPC8A05-H Datasheet
228Kb / 8P
   High Efficiency DC-DC Converter Applications Notebook PC Applications
TPC8009-H TOSHIBA-TPC8009-H_06 Datasheet
226Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCA8003-H TOSHIBA-TPCA8003-H Datasheet
470Kb / 7P
   High Efficiency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8013-H TOSHIBA-TPC8013-H_06 Datasheet
208Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8022-H TOSHIBA-TPC8022-H Datasheet
331Kb / 7P
   High-Efficiency DC/DC Converter Applications
TPC8212-H TOSHIBA-TPC8212-H Datasheet
446Kb / 7P
   High-Efficiency DC/DC Converter Applications
TPC8021-H TOSHIBA-TPC8021-H Datasheet
501Kb / 7P
   High-Efficiency DC/DC Converter Applications
TPCP8103-H TOSHIBA-TPCP8103-H_09 Datasheet
253Kb / 7P
   High Efficiency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications CCFL Inverter Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com