Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK50P03M1 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TK50P03M1
Description  High-Efficiency DC-DC Converter Applications Desktop PC Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK50P03M1 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TK50P03M1 Datasheet HTML 1Page - Toshiba Semiconductor TK50P03M1 Datasheet HTML 2Page - Toshiba Semiconductor TK50P03M1 Datasheet HTML 3Page - Toshiba Semiconductor TK50P03M1 Datasheet HTML 4Page - Toshiba Semiconductor TK50P03M1 Datasheet HTML 5Page - Toshiba Semiconductor TK50P03M1 Datasheet HTML 6Page - Toshiba Semiconductor TK50P03M1 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TK50P03M1
2009-09-08
5
0
0
10
50
40
12
4
20
VDD = 6 V
VDS
24
12
20
30
50
30
20
0
40
10
VGS
8
16
0
1
1.5
2
−80
−40
0
40
80
120
160
2.5
3
0.5
Ciss
Coss
Crss
10
0.1
100
1000
10000
1
10
100
VGS = 0 V
10
4.5
3
0
1
−0.2
10
100
−0.6
−0.8
−0.4
1
−1.0
VGS = 10 V
VGS = 4.5 V
160
−40
0
40
80
120
−80
ID = 50 A
ID = 12.5, 25, 50 A
0
4
12
16
20
25
12.5
8
Drain-source voltage VDS (V)
Capacitance – VDS
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Ambient temperature Ta (°C)
RDS (ON) – Ta
Common source
Pulse test
Ambient temperature Ta (°C)
Vth – Ta
Common source
VDS = 10 V
ID = 0.2 mA
Pulse test
Total gate charge Qg (nC)
Dynamic input/output
characteristics
Drain-source voltage VDS (V)
IDR – VDS
Common source
Ta
= 25°C
Pulse test
Common source
ID = 40 A
Ta
= 25°C
Pulse test
Case temperature Tc (°C)
PD – Tc
0
40
80
120
160
0
20
40
60
80
100


Similar Part No. - TK50P03M1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK50P03M1 TOSHIBA-TK50P03M1 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
TK50P03M1 ISC-TK50P03M1 Datasheet
332Kb / 2P
   iscN-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
TK50P03M1 VBSEMI-TK50P03M1 Datasheet
1Mb / 8P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - TK50P03M1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8037-H TOSHIBA-TPC8037-H Datasheet
215Kb / 7P
   High-Efficiency DC-DC Converter Applications Notebook PC Applications
TPCA8A02-H TOSHIBA-TPCA8A02-H Datasheet
208Kb / 8P
   High Efficiency DC-DC Converter Applications Notebook PC Applications
TPC8A05-H TOSHIBA-TPC8A05-H Datasheet
228Kb / 8P
   High Efficiency DC-DC Converter Applications Notebook PC Applications
TPC8009-H TOSHIBA-TPC8009-H_06 Datasheet
226Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCA8003-H TOSHIBA-TPCA8003-H Datasheet
470Kb / 7P
   High Efficiency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8013-H TOSHIBA-TPC8013-H_06 Datasheet
208Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8022-H TOSHIBA-TPC8022-H Datasheet
331Kb / 7P
   High-Efficiency DC/DC Converter Applications
TPC8212-H TOSHIBA-TPC8212-H Datasheet
446Kb / 7P
   High-Efficiency DC/DC Converter Applications
TPC8021-H TOSHIBA-TPC8021-H Datasheet
501Kb / 7P
   High-Efficiency DC/DC Converter Applications
TPCP8103-H TOSHIBA-TPCP8103-H_09 Datasheet
253Kb / 7P
   High Efficiency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications CCFL Inverter Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com