Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK5A65D Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TK5A65D
Description  Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK5A65D Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TK5A65D Datasheet HTML 1Page - Toshiba Semiconductor TK5A65D Datasheet HTML 2Page - Toshiba Semiconductor TK5A65D Datasheet HTML 3Page - Toshiba Semiconductor TK5A65D Datasheet HTML 4Page - Toshiba Semiconductor TK5A65D Datasheet HTML 5Page - Toshiba Semiconductor TK5A65D Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TK5A65D
2009-04-08
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±30 V, VDS = 0 V
±1
μA
Drain cut-off current
IDSS
VDS = 650 V, VGS = 0 V
10
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
650
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 2.5 A
1.2
1.43
Ω
Forward transfer admittance
⎪Yfs
VDS = 10 V, ID = 2.5 A
0.7
2.6
S
Input capacitance
Ciss
800
Reverse transfer capacitance
Crss
4
Output capacitance
Coss
VDS = 25 V, VGS = 0 V, f = 1 MHz
100
pF
Rise time
tr
20
Turn-on time
ton
40
Fall time
tf
12
Switching time
Turn-off time
toff
60
ns
Total gate charge
Qg
16
Gate-source charge
Qgs
10
Gate-drain charge
Qgd
VDD ≈ 400 V, VGS = 10 V, ID = 5 A
6
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
5
A
Pulse drain reverse current
(Note 1)
IDRP
20
A
Forward voltage (diode)
VDSF
IDR = 5 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
1200
ns
Reverse recovery charge
Qrr
IDR = 5 A, VGS = 0 V,
dIDR/dt = 100 A/μs
10
μC
Marking
RL =
80
Ω
0 V
10 V
VGS
VDD ≈ 200 V
ID = 2.5 A VOUT
50
Ω
Duty
≤ 1%, tw = 10 μs
Lot No.
K5A65D
Part No.
(or abbreviation code)
Note 4
Note 4 : A line under a Lot No. identifies the indication of product Labels
[[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is Directive 2002/95/EC of the European Parliament and
of the Council of 27 January 2003 on the restriction of the use of certain
hazardous substances in electrical and electronic equipment


Similar Part No. - TK5A65D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK5A65D TOSHIBA-TK5A65D Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
TK5A65D ISC-TK5A65D Datasheet
319Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Toshiba Semiconductor
TK5A65DA TOSHIBA-TK5A65DA Datasheet
234Kb / 9P
   Switching Voltage Regulators
TK5A65DA TOSHIBA-TK5A65DA Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TK5A65D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com