Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5490 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5490
Description  100k ?쪷recision-Matched Resistor-Divider in SOT23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5490 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5490_05 Datasheet HTML 1Page - Maxim Integrated Products MAX5490_05 Datasheet HTML 2Page - Maxim Integrated Products MAX5490_05 Datasheet HTML 3Page - Maxim Integrated Products MAX5490_05 Datasheet HTML 4Page - Maxim Integrated Products MAX5490_05 Datasheet HTML 5Page - Maxim Integrated Products MAX5490_05 Datasheet HTML 6Page - Maxim Integrated Products MAX5490_05 Datasheet HTML 7Page - Maxim Integrated Products MAX5490_05 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX5490 precision resistor-divider consists of two
accurately matched resistors with access to the ends
and center of the divider. This device offers excellent
resistance matching of 0.035% (A grade), 0.05% (B
grade), and 0.1% (C grade). The MAX5490 provides an
extremely low resistance-ratio temperature drift of
1ppm/°C (typ) over -55°C to +125°C, and has an end-to-
end resistance of 100k
Ω. Resistance ratios from 1:1 to
100:1 are available. Five standard ratios are available
(see Table 1), and custom ratios are also available upon
request. The MAX5490 is ideal for precision gain-setting
applications where tight resistance matching and low
temperature drift are necessary.
The MAX5490 is available in a space-saving 3-pin
SOT23 package, and is guaranteed over the military
-55°C to +125°C temperature range.
Applications
Industrial Process Control
Instrumentation
Precision Gain Setting
Medical Equipment
Automatic Test Equipment
Base Stations
Features
♦ Resistance Ratios from 1:1 to 100:1
♦ Custom Ratios Available Upon Request
♦ Tight Initial Ratio Accuracy
0.035% (MAX5490A)
0.05% (MAX5490B)
0.1% (MAX5490C)
♦ Low 1ppm/°C (typ) Resistor-Ratio-Drift
♦ Up to 80V Operating Voltage Across Sum of R1
and R2
♦ Tiny 3-Pin SOT23 Package
100k
Precision-Matched Resistor-Divider in
SOT23
________________________________________________________________ Maxim Integrated Products
1
P2
1
3
P3
P1
MAX5490
SOT23
TOP VIEW
2
Pin Configuration
Ordering Information*
P1
P2
P3
MAX5490
R2
R1
Block Diagram
19-3337; Rev 2; 3/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*See the How to Order section for more details.
PART
TEMP
RANGE
PIN-
PACKAGE
RATIO
ACCURACY
(%)
MAX5490_A_ _ _ _ _ -T-55°C to +125°C 3 SOT23-3
0.035
MAX5490_B_ _ _ _ _ -T-55°C to +125°C 3 SOT23-3
0.05
MAX5490_C_ _ _ _ _ -T-55°C to +125°C 3 SOT23-3
0.1


Similar Part No. - MAX5490_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5490PA02500-T MAXIM-MAX5490PA02500-T Datasheet
111Kb / 8P
   100k ?쪷recision-Matched Resistor-Divider in SOT23
Rev 1; 8/04
MAX5490RB03000-T MAXIM-MAX5490RB03000-T Datasheet
111Kb / 8P
   100k ?쪷recision-Matched Resistor-Divider in SOT23
Rev 1; 8/04
MAX5490UA07538-T MAXIM-MAX5490UA07538-T Datasheet
111Kb / 8P
   100k ?쪷recision-Matched Resistor-Divider in SOT23
Rev 1; 8/04
MAX5490VC10000-T MAXIM-MAX5490VC10000-T Datasheet
111Kb / 8P
   100k ?쪷recision-Matched Resistor-Divider in SOT23
Rev 1; 8/04
More results

Similar Description - MAX5490_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5490 MAXIM-MAX5490 Datasheet
111Kb / 8P
   100k ?쪷recision-Matched Resistor-Divider in SOT23
Rev 1; 8/04
MAX5491 MAXIM-MAX5491 Datasheet
155Kb / 7P
   Precision-Matched Resistor-Divider in SOT23
Rev 3; 12/04
MAX5492 MAXIM-MAX5492 Datasheet
147Kb / 8P
   10k廓 Precision-Matched Resistor-Divider in SOT23
19-3695; Rev 0; 5/05
logo
TT Electronics.
DIV23 TTELEC-DIV23_17 Datasheet
546Kb / 3P
   SOT23 Surface Mount Voltage Divider
logo
IRC - a TT electronics ...
SOT-DIV23-01-1002-1002B IRCTT-SOT-DIV23-01-1002-1002B Datasheet
292Kb / 2P
   SOT23 Surface Mount Voltage Divider
logo
Vishay Siliconix
100267 VISHAY-100267 Datasheet
70Kb / 3P
   Decade Divider, Single In-Line, Thin Film Divider, Through Hole Resistor Network
01-Jan-2022
logo
Linear Technology
LT5400 LINER-LT5400_15 Datasheet
258Kb / 12P
   Quad Matched Resistor Network
logo
List of Unclassifed Man...
HS-820 ETC-HS-820 Datasheet
257Kb / 2P
   ECL-100K ECL Supplement
logo
California Micro Device...
PRN105 CALMIRCO-PRN105 Datasheet
52Kb / 2P
   SOT23 Thin Film Precision Voltage Divider Network
logo
Stackpole Electronics, ...
HVD SEI-HVD Datasheet
327Kb / 5P
   High Voltage Plate Resistor Divider
02/08/2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com