Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11LC011T-ISN Datasheet(PDF) 2 Page - Microchip Technology

Part # 11LC011T-ISN
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11LC011T-ISN Datasheet(HTML) 2 Page - Microchip Technology

  11LC011T-ISN Datasheet HTML 1Page - Microchip Technology 11LC011T-ISN Datasheet HTML 2Page - Microchip Technology 11LC011T-ISN Datasheet HTML 3Page - Microchip Technology 11LC011T-ISN Datasheet HTML 4Page - Microchip Technology 11LC011T-ISN Datasheet HTML 5Page - Microchip Technology 11LC011T-ISN Datasheet HTML 6Page - Microchip Technology 11LC011T-ISN Datasheet HTML 7Page - Microchip Technology 11LC011T-ISN Datasheet HTML 8Page - Microchip Technology 11LC011T-ISN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
11AAXXX/11LCXXX
DS22067H-page 2
Preliminary
 2010 Microchip Technology Inc.
DEVICE SELECTION TABLE
Part Number
Density
(bits)
Organization VCC Range
Page Size
(Bytes)
Temp.
Ranges
Device
Address
Packages
11LC010
1K
128 x 8
2.5-5.5V
16
I,E
0xA0
P, SN, MS, MN, TO, TT
11AA010
1K
128 x 8
1.8-5.5V
16
I
0xA0
P, SN, MS, MN, TO, TT, CS
11LC020
2K
256 x 8
2.5-5.5V
16
I,E
0xA0
P, SN, MS, MN, TO, TT
11AA020
2K
256 x 8
1.8-5.5V
16
I
0xA0
P, SN, MS, MN, TO, TT, CS
11LC040
4K
512 x 8
2.5-5.5V
16
I,E
0xA0
P, SN, MS, MN, TO, TT
11AA040
4K
512 x 8
1.8-5.5V
16
I
0xA0
P, SN, MS, MN, TO, TT, CS
11LC080
8K
1,024 x 8
2.5-5.5V
16
I,E
0xA0
P, SN, MS, MN, TO, TT
11AA080
8K
1,024 x 8
1.8-5.5V
16
I
0xA0
P, SN, MS, MN, TO, TT, CS
11LC160
16K
2,048 x 8
2.5-5.5V
16
I,E
0xA0
P, SN, MS, MN, TO, TT
11AA160
16K
2,048 x 8
1.8-5.5V
16
I
0xA0
P, SN, MS, MN, TO, TT,CS
11LC161
16K
2,048 x 8
2.5-5.5V
16
I, E
0xA1
P, SN, MS, MN, TO, TT
11AA161
16K
2,048 x 8
1.8-5.5V
16
I
0xA1
P, SN, MS, MN, TO, TT, CS


Similar Part No. - 11LC011T-ISN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
11LC010 MICROCHIP-11LC010 Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11LC010-E/MNY MICROCHIP-11LC010-E/MNY Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11LC010-E/MS MICROCHIP-11LC010-E/MS Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11LC010-E/P MICROCHIP-11LC010-E/P Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11LC010-E/SN MICROCHIP-11LC010-E/SN Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
More results

Similar Description - 11LC011T-ISN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
11AA010 MICROCHIP-11AA010 Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA010 MICROCHIP-11AA010_11 Datasheet
757Kb / 48P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2011
11AA020T-I MICROCHIP-11AA020T-I Datasheet
830Kb / 44P
   1K-16K UNI/O Serial EEPROM Family Data Sheet
01/05/10
25LC010A MICROCHIP-25LC010A_09 Datasheet
348Kb / 24P
   1K-4K SPI Serial EEPROM High Temp Family Data Sheet
2009
24LC02BT-ISNG MICROCHIP-24LC02BT-ISNG Datasheet
834Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
06/25/07
24AA025 MICROCHIP-24AA025 Datasheet
814Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
2007
11AA02UID MICROCHIP-11AA02UID Datasheet
666Kb / 32P
   2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
11/29/12
11AA02E48 MICROCHIP-11AA02E48 Datasheet
277Kb / 18P
   2K UNI/O짰 Serial EEPROM with EUI-48??Node Identity
2008
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com