Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11LC010T-ISN Datasheet(PDF) 4 Page - Microchip Technology

Part # 11LC010T-ISN
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11LC010T-ISN Datasheet(HTML) 4 Page - Microchip Technology

  11LC010T-ISN Datasheet HTML 1Page - Microchip Technology 11LC010T-ISN Datasheet HTML 2Page - Microchip Technology 11LC010T-ISN Datasheet HTML 3Page - Microchip Technology 11LC010T-ISN Datasheet HTML 4Page - Microchip Technology 11LC010T-ISN Datasheet HTML 5Page - Microchip Technology 11LC010T-ISN Datasheet HTML 6Page - Microchip Technology 11LC010T-ISN Datasheet HTML 7Page - Microchip Technology 11LC010T-ISN Datasheet HTML 8Page - Microchip Technology 11LC010T-ISN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
11AAXXX/11LCXXX
DS22067H-page 4
Preliminary
 2010 Microchip Technology Inc.
TABLE 1-3:
AC TEST CONDITIONS
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = 2.5V to 5.5V
TA = -40°C to +85°C
VCC = 1.8V to 2.5V
TA = -20°C to +85°C
Automotive (E):
VCC = 2.5V to 5.5V
TA = -40°C to +125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Test Conditions
1FBUS Serial bus frequency
10
100
kHz
2TE
Bit period
10
100
µs
3TIJIT
Input edge jitter tolerance
±0.08
UI
(Note 3)
4FDRIFT Serial bus frequency drift
rate tolerance
±0.75
% per byte —
5FDEV Serial bus frequency drift
limit
—±5
% per
command
6TOJIT Output edge jitter
±0.25
UI
(Note 3)
7TR
SCIO input rise time
(Note 1)
100
ns
8TF
SCIO input fall time
(Note 1)
100
ns
9TSTBY Standby pulse time
600
µs
10
TSS
Start header setup time
10
µs
11
THDR Start header low pulse
time
5—
µs
12
TSP
Input filter spike
suppression (SCIO)
—50
ns
(Note 1)
13
TWC
Write cycle time
(byte or page)
5
10
ms
ms
Write, WRSR commands
ERAL, SETAL commands
14
Endurance (per page)
1M
cycles
25°C, VCC = 5.5V (Note 2)
Note 1: This parameter is periodically sampled and not 100% tested.
2: This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total EnduranceModel which can be obtained on Microchip’s web site:
www.microchip.com.
3:
A Unit Interval (UI) is equal to 1-bit period (TE) at the current bus frequency.
AC Waveform:
VLO = 0.2V
VHI = VCC - 0.2V
CL = 100 pF
Timing Measurement Reference Level
Input
0.5 VCC
Output
0.5 VCC


Similar Part No. - 11LC010T-ISN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
11LC010T-I/MNY MICROCHIP-11LC010T-I/MNY Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11LC010T-I/MS MICROCHIP-11LC010T-I/MS Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11LC010T-I/P MICROCHIP-11LC010T-I/P Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11LC010T-I/SN MICROCHIP-11LC010T-I/SN Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11LC010T-I/TT MICROCHIP-11LC010T-I/TT Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
More results

Similar Description - 11LC010T-ISN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
11AA010 MICROCHIP-11AA010 Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA010 MICROCHIP-11AA010_11 Datasheet
757Kb / 48P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2011
11AA020T-I MICROCHIP-11AA020T-I Datasheet
830Kb / 44P
   1K-16K UNI/O Serial EEPROM Family Data Sheet
01/05/10
25LC010A MICROCHIP-25LC010A_09 Datasheet
348Kb / 24P
   1K-4K SPI Serial EEPROM High Temp Family Data Sheet
2009
24LC02BT-ISNG MICROCHIP-24LC02BT-ISNG Datasheet
834Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
06/25/07
24AA025 MICROCHIP-24AA025 Datasheet
814Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
2007
11AA02UID MICROCHIP-11AA02UID Datasheet
666Kb / 32P
   2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
11/29/12
11AA02E48 MICROCHIP-11AA02E48 Datasheet
277Kb / 18P
   2K UNI/O짰 Serial EEPROM with EUI-48??Node Identity
2008
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com