Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GF10Y Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # GF10Y
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

GF10Y Datasheet(HTML) 2 Page - Zowie Technology Corporation

  GF10Y Datasheet HTML 1Page - Zowie Technology Corporation GF10Y Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES GF10A THRU GF10Y
Zowie Technology Corporation
REV. : 0
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
1.50
1.25
1.00
0.75
0.50
0.25
0.10
1.00
10.00
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
0
25
50
75
100
125
150
175
60Hz
RESISTIVE OR
INDUCTIVE LOAD
PULSE WIDTH=300uS
1% DUTY CYCLE
AMBIENT TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
GF10N~GF10Y
GF10N~GF10Y
GF10N~GF10Y
GF10A~GF10M
GF10A~GF10M
GF10A~GF10M
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
TJ=TJ max.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0
10
15
20
25
30
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0.1
1
10
100
0
20
1
10
100
TJ=100
oC
TJ=125
oC
40
60
80
100 110
FIG.5 - TYPICAL JUNCTION CAPACITANCE
FIG.6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
TJ = 25
oC
REVERSE VOLTAGE, VOLTS
.1
1
40
200
.2
.4
1.0
2
4
10
20
40
100
t , PULSE DURATION, sec
100
10
1.0
0.10
0.01
2
4
10
6
20
60
100


Similar Part No. - GF10Y

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF10YH ZOWIE-GF10YH Datasheet
61Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
More results

Similar Description - GF10Y

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GN1A GOOD-ARK-GN1A Datasheet
199Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GF1A GE-GF1A Datasheet
90Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
BYM10-100-E3 VISHAY-BYM10-100-E3 Datasheet
101Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
26-Jun-06
logo
MIC GROUP RECTIFIERS
S1A MIC-S1A Datasheet
61Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
DACO SEMICONDUCTOR CO.,...
S3AB DACO-S3AB Datasheet
521Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
1N6478 VISHAY-1N6478_V01 Datasheet
85Kb / 5P
   Surface-Mount Glass Passivated Junction Rectifier
01-Jan-2022
BYM10-50 VISHAY-BYM10-50_V01 Datasheet
85Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
02-Oct-12
logo
Zowie Technology Corpor...
GF15A ZOWIE-GF15A Datasheet
61Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
GNOA GOOD-ARK-GNOA Datasheet
190Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GL34A VISHAY-GL34A Datasheet
81Kb / 4P
   Surface Mount Glass Passivated Junction Rectifier
Revision: 15-Mar-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com