Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24AA025E48T Datasheet(PDF) 8 Page - Microchip Technology

Part # 24AA025E48T
Description  2K I2C??Serial EEPROMs with EUI-48??Node Identity
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA025E48T Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24AA025E48T Datasheet HTML 4Page - Microchip Technology 24AA025E48T Datasheet HTML 5Page - Microchip Technology 24AA025E48T Datasheet HTML 6Page - Microchip Technology 24AA025E48T Datasheet HTML 7Page - Microchip Technology 24AA025E48T Datasheet HTML 8Page - Microchip Technology 24AA025E48T Datasheet HTML 9Page - Microchip Technology 24AA025E48T Datasheet HTML 10Page - Microchip Technology 24AA025E48T Datasheet HTML 11Page - Microchip Technology 24AA025E48T Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
24AA02E48/24AA025E48
DS22124D-page 8
 2010 Microchip Technology Inc.
5.0
DEVICE ADDRESSING
A control byte is the first byte received following the
Start condition from the master device. The control byte
consists of a four-bit control code. For the
24AAXXXE48, this is set as ‘1010
binary for read and
write operations. For the 24AA02E48 the next three
bits of the control byte are “don’t cares”.
For the 24AA025E48, the next three bits of the control
byte are the Chip Select bits (A2, A1, A0). The Chip
Select bits allow the use of up to eight 24AA025E48
devices on the same bus and are used to select which
device is accessed. The Chip Select bits in the control
byte must correspond to the logic levels on the corre-
sponding A2, A1 and A0 pins for the device to respond.
These bits are in effect the three Most Significant bits of
the word address.
For the 6-pin SOT-23 package, the A2 address pin is
not available. During device addressing, the A2 Chip
Select bit should be set to ‘0’.
The last bit of the control byte defines the operation to
be performed. When set to ‘1’, a read operation is
selected. When set to ‘0’, a write operation is selected.
Following the Start condition, the 24AAXXXE48 moni-
tors the SDA bus, checking the device type identifier
being transmitted and, upon a
‘1010’ code, the slave
device outputs an Acknowledge signal on the SDA line.
Depending on the state of the R/W bit, the
24AAXXXE48 will select a read or write operation.
FIGURE 5-1:
CONTROL BYTE
ALLOCATION
5.1
Contiguous Addressing Across
Multiple Devices
The Chip Select bits A2, A1 and A0 can be used to
expand the contiguous address space for up to 16K bits
by adding up to eight 24AA025E48 devices on the
same bus. In this case, software can use A0 of the con-
trol byte as address bit A8, A1 as address bit A9 and
A2 as address bit A10. It is not possible to sequentially
read across device boundaries.
For the SOT-23 package, up to four 24AA025E48
devices can be added for up to 8K bits of address
space. In this case, software can us A0 of the control
byte as address bit A8, and A1 as address bit A9. It is
not possible to sequentially read across device
boundaries.
FIGURE 5-2:
ADDRESS SEQUENCE BIT ASSIGNMENTS
Operation
Control
Code
Chip Select
R/W
Read
1010
Chip Address
1
Write
1010
Chip Address
0
10
1
0
A2* A1* A0* R/W ACK
Start Bit
Read/Write Bit
S
Slave Address
Acknowledge Bit
Control Code
Chip
Select
Bits
Note:
* Bits A0, A1 and A2 are “don’t cares” for
the 24AA02E48.
1
010
R/W
A
7
A
0
••
Control Byte
Address Low Byte
Control
Code
Chip
Select
bits
Note:
* Bits A0, A1 and A2 are “don’t cares” for the 24AA02E48.
A2* A1* A0*


Similar Part No. - 24AA025E48T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA025E48T-E/OT MICROCHIP-24AA025E48T-E/OT Datasheet
450Kb / 32P
   2K I2C Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
24AA025E48T-E/SN MICROCHIP-24AA025E48T-E/SN Datasheet
450Kb / 32P
   2K I2C Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
24AA025E48T-I MICROCHIP-24AA025E48T-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
24AA025E48T-I/OT MICROCHIP-24AA025E48T-I/OT Datasheet
450Kb / 32P
   2K I2C Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
24AA025E48T-I/SN MICROCHIP-24AA025E48T-I/SN Datasheet
450Kb / 32P
   2K I2C Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
More results

Similar Description - 24AA025E48T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA025E48-I MICROCHIP-24AA025E48-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48??Node Identity
01/05/10
24AA025E48T-I MICROCHIP-24AA025E48T-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
24AA02E48 MICROCHIP-24AA02E48_13 Datasheet
632Kb / 30P
   2K I2C??Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
24AA02E48 MICROCHIP-24AA02E48_16 Datasheet
450Kb / 32P
   2K I2C Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
24AA02E48 MICROCHIP-24AA02E48 Datasheet
274Kb / 18P
   2K I2C??Serial EEPROM with EUI-48??Node Identity
2009
25AA02E48 MICROCHIP-25AA02E48_13 Datasheet
626Kb / 28P
   2K SPI Bus Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
11AA02E48 MICROCHIP-11AA02E48_16 Datasheet
494Kb / 32P
   2K UNI/O짰 Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
25AA02E48 MICROCHIP-25AA02E48_16 Datasheet
409Kb / 28P
   2K SPI Bus Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
11AA02E64 MICROCHIP-11AA02E64 Datasheet
589Kb / 31P
   2K UNI/O® Serial EEPROMs with EUI-48™ or EUI-64™ Node Identity
25AA02E48 MICROCHIP-25AA02E48_10 Datasheet
485Kb / 26P
   2K SPI Bus Serial EEPROM with EUI-48??Node Identity
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com