Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24AA025E48T-IOT Datasheet(PDF) 3 Page - Microchip Technology

Part # 24AA025E48T-IOT
Description  2K I2C??Serial EEPROMs with EUI-48??Node Identity
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA025E48T-IOT Datasheet(HTML) 3 Page - Microchip Technology

  24AA025E48T-IOT Datasheet HTML 1Page - Microchip Technology 24AA025E48T-IOT Datasheet HTML 2Page - Microchip Technology 24AA025E48T-IOT Datasheet HTML 3Page - Microchip Technology 24AA025E48T-IOT Datasheet HTML 4Page - Microchip Technology 24AA025E48T-IOT Datasheet HTML 5Page - Microchip Technology 24AA025E48T-IOT Datasheet HTML 6Page - Microchip Technology 24AA025E48T-IOT Datasheet HTML 7Page - Microchip Technology 24AA025E48T-IOT Datasheet HTML 8Page - Microchip Technology 24AA025E48T-IOT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
 2010 Microchip Technology Inc.
DS22124D-page 3
24AA02E48/24AA025E48
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ..........................................................................................................-0.3V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied..................................................................................................-40°C to +85°C
ESD protection on all pins
 4kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at those or any other conditions
above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
DC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C, VCC = +1.7V to +5.5V
Param.
No.
Sym.
Characteristic
Min.
Typ.
Max.
Units
Conditions
SCL, SDA, A0, A1, and
A2 pins
——
D1
VIH
High-level Input Voltage
0.7 VCC
——
V
D2
VIL
Low-level Input Voltage
0.3 VCC
V—
D3
VHYS
Hysteresis of Schmitt
Trigger inputs
0.05 VCC
——
V
(Note)
D4
VOL
Low-level Output Voltage
0.40
V
IOL = 3.0 mA, VCC = 2.5V
D5
ILI
Input Leakage Current
——
±1
AVIN = VSS or VCC
D6
ILO
Output Leakage Current
——
±1
AVOUT = VSS or VCC
D7
CIN,
COUT
Pin Capacitance
(all inputs/outputs)
——
10
pF
VCC = 5.0V (Note)
TA = 25°C, FCLK = 1 MHz
D8
ICC write Operating Current
—0.1
3
mA
VCC = 5.5V, SCL = 400 kHz
D9
ICC read
0.05
1
mA
D10
ICCS
Standby Current
—0.01
1

Industrial
SDA = SCL = VCC
WP = VSS
Note:
This parameter is periodically sampled and not 100% tested.


Similar Part No. - 24AA025E48T-IOT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA025E48T-I MICROCHIP-24AA025E48T-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
24AA025E48T-I/OT MICROCHIP-24AA025E48T-I/OT Datasheet
450Kb / 32P
   2K I2C Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
24AA025E48T-I/SN MICROCHIP-24AA025E48T-I/SN Datasheet
450Kb / 32P
   2K I2C Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
More results

Similar Description - 24AA025E48T-IOT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA025E48-I MICROCHIP-24AA025E48-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48??Node Identity
01/05/10
24AA025E48T-I MICROCHIP-24AA025E48T-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
24AA02E48 MICROCHIP-24AA02E48_13 Datasheet
632Kb / 30P
   2K I2C??Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
24AA02E48 MICROCHIP-24AA02E48_16 Datasheet
450Kb / 32P
   2K I2C Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
24AA02E48 MICROCHIP-24AA02E48 Datasheet
274Kb / 18P
   2K I2C??Serial EEPROM with EUI-48??Node Identity
2009
25AA02E48 MICROCHIP-25AA02E48_13 Datasheet
626Kb / 28P
   2K SPI Bus Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
11AA02E48 MICROCHIP-11AA02E48_16 Datasheet
494Kb / 32P
   2K UNI/O짰 Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
25AA02E48 MICROCHIP-25AA02E48_16 Datasheet
409Kb / 28P
   2K SPI Bus Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
11AA02E64 MICROCHIP-11AA02E64 Datasheet
589Kb / 31P
   2K UNI/O® Serial EEPROMs with EUI-48™ or EUI-64™ Node Identity
25AA02E48 MICROCHIP-25AA02E48_10 Datasheet
485Kb / 26P
   2K SPI Bus Serial EEPROM with EUI-48??Node Identity
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com