Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24AA025E48-IOT Datasheet(PDF) 11 Page - Microchip Technology

Part # 24AA025E48-IOT
Description  2K I2C??Serial EEPROMs with EUI-48??Node Identity
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA025E48-IOT Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24AA025E48-IOT Datasheet HTML 7Page - Microchip Technology 24AA025E48-IOT Datasheet HTML 8Page - Microchip Technology 24AA025E48-IOT Datasheet HTML 9Page - Microchip Technology 24AA025E48-IOT Datasheet HTML 10Page - Microchip Technology 24AA025E48-IOT Datasheet HTML 11Page - Microchip Technology 24AA025E48-IOT Datasheet HTML 12Page - Microchip Technology 24AA025E48-IOT Datasheet HTML 13Page - Microchip Technology 24AA025E48-IOT Datasheet HTML 14Page - Microchip Technology 24AA025E48-IOT Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2010 Microchip Technology Inc.
DS22124D-page 11
24AA02E48/24AA025E48
8.0
READ OPERATION
Read operations are initiated in the same way as write
operations, with the exception that the R/W bit of the
slave address is set to ‘1’. There are three basic types
of read operations: current address read, random read
and sequential read.
8.1
Current Address Read
The 24AAXXXE48 contains an address counter that
maintains the address of the last word accessed, inter-
nally incremented by ‘1’. Therefore, if the previous
access (either a read or write operation) was to address
n, the next current address read operation would
access data from address
n + 1. Upon receipt of the
slave address with R/W bit set to ‘1’, the 24AAXXXE48
issues an acknowledge and transmits the 8-bit data
word. The master will not acknowledge the transfer, but
does generate a Stop condition, and the 24AAXXXE48
discontinues transmission (Figure 8-1).
8.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, the word address must first
be set. This is accomplished by sending the word
address to the 24AAXXXE48 as part of a write opera-
tion. Once the word address is sent, the master gener-
ates a Start condition following the acknowledge. This
terminates the write operation, but not before the inter-
nal Address Pointer is set. The master then issues the
control byte again, but with the R/W bit set to a ‘1’. The
24AAXXXE48 will then issue an acknowledge and
transmit the 8-bit data word. The master will not
acknowledge the transfer, but does generate a Stop
condition, and the 24AAXXXE48 will discontinue
transmission (Figure 8-2).
8.3
Sequential Read
Sequential reads are initiated in the same way as a
random read, except that once the 24AAXXXE48 trans-
mits the first data byte, the master issues an acknowl-
edge as opposed to a Stop condition in a random read.
This directs the 24AAXXXE48 to transmit the next
sequentially-addressed 8-bit word (Figure 8-3).
To provide sequential reads, the 24AAXXXE48 con-
tains an internal Address Pointer that is incremented by
one upon completion of each operation. This Address
Pointer allows the entire memory contents to be serially
read during one operation.
8.4
Noise Protection
The 24AAXXXE48 employs a VCC threshold detector
circuit which disables the internal erase/write logic if the
VCC is below 1.5V at nominal conditions.
The SCL and SDA inputs have Schmitt Trigger and
filter circuits which suppress noise spikes to assure
proper device operation, even on a noisy bus.
FIGURE 8-1:
CURRENT ADDRESS READ
SP
Bus Activity
Master
SDA Line
Bus Activity
S
T
O
P
Control
Byte
Data (n)
A
C
K
N
o
A
C
K
S
T
A
R
T
1 01 0 A2* A1*A0* 1
Chip
Select
Bits
Note:
* Bits A0, A1 and A2 are “don’t cares” for the 24AA02E48.


Similar Part No. - 24AA025E48-IOT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA025E48-I MICROCHIP-24AA025E48-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48??Node Identity
01/05/10
24AA025E48-I/OT MICROCHIP-24AA025E48-I/OT Datasheet
450Kb / 32P
   2K I2C Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
24AA025E48-I/SN MICROCHIP-24AA025E48-I/SN Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
24AA025E48-I/SN MICROCHIP-24AA025E48-I/SN Datasheet
450Kb / 32P
   2K I2C Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
More results

Similar Description - 24AA025E48-IOT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA025E48-I MICROCHIP-24AA025E48-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48??Node Identity
01/05/10
24AA025E48T-I MICROCHIP-24AA025E48T-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
24AA02E48 MICROCHIP-24AA02E48_13 Datasheet
632Kb / 30P
   2K I2C??Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
24AA02E48 MICROCHIP-24AA02E48_16 Datasheet
450Kb / 32P
   2K I2C Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
24AA02E48 MICROCHIP-24AA02E48 Datasheet
274Kb / 18P
   2K I2C??Serial EEPROM with EUI-48??Node Identity
2009
25AA02E48 MICROCHIP-25AA02E48_13 Datasheet
626Kb / 28P
   2K SPI Bus Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
11AA02E48 MICROCHIP-11AA02E48_16 Datasheet
494Kb / 32P
   2K UNI/O짰 Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
25AA02E48 MICROCHIP-25AA02E48_16 Datasheet
409Kb / 28P
   2K SPI Bus Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
11AA02E64 MICROCHIP-11AA02E64 Datasheet
589Kb / 31P
   2K UNI/O® Serial EEPROMs with EUI-48™ or EUI-64™ Node Identity
25AA02E48 MICROCHIP-25AA02E48_10 Datasheet
485Kb / 26P
   2K SPI Bus Serial EEPROM with EUI-48??Node Identity
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com