Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMT203-5000 Datasheet(PDF) 4 Page - CUI INC

Part # AMT203-5000
Description  12 BIT ABSOLUTE ENCODER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT203-5000 Datasheet(HTML) 4 Page - CUI INC

  AMT203-5000 Datasheet HTML 1Page - CUI INC AMT203-5000 Datasheet HTML 2Page - CUI INC AMT203-5000 Datasheet HTML 3Page - CUI INC AMT203-5000 Datasheet HTML 4Page - CUI INC AMT203-5000 Datasheet HTML 5Page - CUI INC AMT203-5000 Datasheet HTML 6Page - CUI INC AMT203-5000 Datasheet HTML 7Page - CUI INC AMT203-5000 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
date
page
04/2010
4 of 8
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
PART NUMBER:
DESCRIPTION:
AMT203
12 BIT ABSOLUTE ENCODER
RoHS
21.4500 .844
0.041
1.050
R
1.000
25.399
0.750
19.050
0.011
0.630
16.003
0.079
(4 PLCS)
2.000
0.067
(2 PLCS)
1.700
2.950 0.116
(2 PLCS)
.28
12.4000 .488
SPECIFIED
TOLERANCE:
±0.05mm UNLESS OTHERWISE
A (3 PLCS)
DETAIL A
SCALE 4 : 1
0.406
10.30
34.14 1.344
17.30
R15.50 0.610
1.126
28.60
AMT 203 XXYY CUI INC.
US Patent No. 6892690
SCALE 5:1
18.60mm
R1.20mm
15.34 [0.604]
MOUNTING BASE


Similar Part No. - AMT203-5000

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT203-0096-2000 CUI-AMT203-0096-2000 Datasheet
370Kb / 6P
   12 BIT AB SOLUTE ENCODER
AMT203-0096-3000 CUI-AMT203-0096-3000 Datasheet
370Kb / 6P
   12 BIT AB SOLUTE ENCODER
AMT203-0096-3175 CUI-AMT203-0096-3175 Datasheet
370Kb / 6P
   12 BIT AB SOLUTE ENCODER
AMT203-0096-4000 CUI-AMT203-0096-4000 Datasheet
370Kb / 6P
   12 BIT AB SOLUTE ENCODER
AMT203-0096-4760 CUI-AMT203-0096-4760 Datasheet
370Kb / 6P
   12 BIT AB SOLUTE ENCODER
More results

Similar Description - AMT203-5000

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT203_1012 CUI-AMT203_1012 Datasheet
375Kb / 6P
   12 BIT ABSOLUTE ENCODER
MAS17 CUI-MAS17 Datasheet
125Kb / 3P
   absolute encoder
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
   absolute encoder
MAH36 CUI-MAH36 Datasheet
106Kb / 3P
   absolute encoder
MAH17 CUI-MAH17 Datasheet
107Kb / 3P
   absolute encoder
MAS60 CUI-MAS60 Datasheet
334Kb / 3P
   absolute encoder
logo
IC-Haus GmbH
IC-MHM ICHAUS-IC-MHM Datasheet
2Mb / 63P
   14-BIT ABSOLUTE ANGLE HALL ENCODER
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
   Absolute encoder / absolute code output
logo
ASM GmbH
WS19KT ASM-SENSOR-WS19KT Datasheet
760Kb / 12P
   Absolute Encoder Output
logo
Pepperl+Fuchs Inc.
DVM58N-011AGR0BY-1213 PF-DVM58N-011AGR0BY-1213 Datasheet
301Kb / 4P
   Multiturn absolute encoder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com