Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16046A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16046A
Description  12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16046A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16046A Datasheet HTML 1Page - Maxim Integrated Products MAX16046A Datasheet HTML 2Page - Maxim Integrated Products MAX16046A Datasheet HTML 3Page - Maxim Integrated Products MAX16046A Datasheet HTML 4Page - Maxim Integrated Products MAX16046A Datasheet HTML 5Page - Maxim Integrated Products MAX16046A Datasheet HTML 6Page - Maxim Integrated Products MAX16046A Datasheet HTML 7Page - Maxim Integrated Products MAX16046A Datasheet HTML 8Page - Maxim Integrated Products MAX16046A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
12-Channel/8-Channel EEPROM-Programmable
System Managers with Nonvolatile Fault Registers
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MON_ range set to ‘00’ in r0Fh–r11h
5.6
MON_ range set to ‘01’ in r0Fh–r11h
2.8
ADC MON_ Ranges
ADCRNG
MON_ range set to ‘10’ in r0Fh–r11h
1.4
V
MON_ range set to ‘00’ in r0Fh–r11h
5.46
MON_ range set to ‘01’ in r0Fh–r11h
2.73
ADC LSB Step Size
ADCLSB
MON_ range set to ‘10’ in r0Fh–r11h
1.36
mV
VTH_EN_R
EN voltage rising
0.525
EN Input-Voltage Threshold
VTH_EN_F
EN voltage falling
0.486
0.500
0.517
V
EN Input Current
IEN
-0.5
+0.5
μA
EN Input Voltage Range
0
5.5
V
CLOSED-LOOP TRACKING
Tracking Differential Voltage
Stop Ramp
VTRK
VINS_ > VTH_PL, VINS_ < VTH_PG
150
mV
Tracking Differential Voltage
Hysteresis
20
%VTRK
Tracking Differential Fault
Voltage
VTRK_F
VINS_ > VTH_PL,VINS_ < VTH_PG
280
325
370
mV
Slew-rate register set to ‘00’
640
800
960
Slew-rate register set to ‘01’
320
400
480
Slew-rate register set to ‘10’
150
200
250
Track/Sequence Slew-Rate
Rising or Falling
TRKSLEW
Slew-rate register set to ‘11’
70
100
115
V/s
Power-good register set to ‘00’,
VMON_ = 3.5V
94
95
96
Power-good register set to ‘01’,
VMON_ = 3.5V
91.5
92.5
93.5
Power-good register set to ‘10’,
VMON_ = 3.5V
89
90
91
INS_ Power-Good Threshold
VTH_PG
Power-good register set to ‘11’,
VMON_ = 3.5V
86.5
87.5
88.5
%VMON_
Power-Good Threshold
Hysteresis
VPG_HYS
0.5
%VTH_PG
Power-Low Threshold
VTH_PL
INS_ falling
125
142
160
mV
Power-Low Hysteresis
VTH_PL_HYS
10
mV
GPIO_ Input Impedance
GPIOINR
GPIO_ configured as INS_
75
100
145
k
INS_ to GND Pulldown
Impedance when Enabled
INSRPD
VINS_ = 2V
100
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3V to 14V, TA = -40°C to +125°C, unless otherwise specified. Typical values are at VCC = 3.3V, TA = +25°C.) (Note 1)


Similar Part No. - MAX16046A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16046 MAXIM-MAX16046 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16046 MAXIM-MAX16046 Datasheet
1Mb / 25P
   On-Board LDO Regulators and Tracking FETs
Rev 1; 3/09
MAX16046ECB++ MAXIM-MAX16046ECB+ Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16046ETN++ MAXIM-MAX16046ETN+ Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
More results

Similar Description - MAX16046A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
   12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com