Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB1310ZAY Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310ZAY
Description  USB 3.0 Transceiver Data Manual
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310ZAY Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB1310ZAY Datasheet HTML 3Page - Texas Instruments TUSB1310ZAY Datasheet HTML 4Page - Texas Instruments TUSB1310ZAY Datasheet HTML 5Page - Texas Instruments TUSB1310ZAY Datasheet HTML 6Page - Texas Instruments TUSB1310ZAY Datasheet HTML 7Page - Texas Instruments TUSB1310ZAY Datasheet HTML 8Page - Texas Instruments TUSB1310ZAY Datasheet HTML 9Page - Texas Instruments TUSB1310ZAY Datasheet HTML 10Page - Texas Instruments TUSB1310ZAY Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
TUSB1310
www.ti.com
SLLSE16B – DECEMBER 2009 – REVISED JUNE 2010
USB 3.0 Transceiver
Check for Samples: TUSB1310
1
PRODUCT OVERVIEW
1.1
Features
1
• Universal Serial Bus (USB)
– Single Port 5.0-Gbps USB 3.0 Physical Layer Transceiver
One 5.0-Gbps SuperSpeed Conneciton
One 480-Mbps HS/FS/LS Connection
– Fully Compliant with USB 3.0 Specification
– Supports 3+ Meters USB 3.0 Cable Length
– Fully Adaptive Equalizer to Optimize Receiver Sensitivity
– PIPE to Link Layer Controller
Supports 16-Bit SDR Mode at 250 MHz
Compliant With PHY Interface for the USB Architectures (PIPE), Version 3.0
– ULPI to Link Layer Controller
Supports 8-Bit SDR Mode at 60 MHz
Supports Synchronous Mode and Low Power Mode
Compliant with UTMI+ Low Pin Interface (ULPI) Specification, Revision 1.1
• General Features
– IEEE 1149.1 JTAG Support
– IEEE 1149.6 JTAG support for the SuperSpeed Port
– Operates on a Single Reference Clock Selectable from 20, 25, 30 or 40 MHz
– 3.3-, 1.8-, and 1.1-V Supply Voltages
– 1.8-V PIPE and ULPI I/O
– Available in Lead-Free 175-Ball 12- x 12-nF BGA Package (175ZAY)
1.2
Target Applications
• Surveillance Cameras
• Multimedia Handset
• Smartphone
• Digital Still Camera
• Portable Media Player
• Personal Navigation Device
• Audio Dock
• Video IP Phone
• Wireless IP Phone
• Software Defined Radio
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TUSB1310ZAY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1310ZAY TI-TUSB1310ZAY Datasheet
357Kb / 36P
[Old version datasheet]   USB 3.0 Transceiver
TUSB1310ZAYR TI-TUSB1310ZAYR Datasheet
357Kb / 36P
[Old version datasheet]   USB 3.0 Transceiver
More results

Similar Description - TUSB1310ZAY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB9260 TI-TUSB9260 Datasheet
95Kb / 13P
[Old version datasheet]   USB 3.0 TO SATA BRIDGE Data Manual
TUSB1310 TI-TUSB1310_1 Datasheet
357Kb / 36P
[Old version datasheet]   USB 3.0 Transceiver
TUSB1310A TI-TUSB1310A Datasheet
580Kb / 42P
[Old version datasheet]   USB 3.0 Transceiver
logo
Linear Technology
LTM2894 LINER-LTM2894 Datasheet
401Kb / 16P
   Isolated USB Data Transceiver
logo
Texas Instruments
XIO3130 TI-XIO3130_10 Datasheet
1Mb / 142P
[Old version datasheet]   Data Manual
logo
NXP Semiconductors
IP4294CZ10 NXP-IP4294CZ10 Datasheet
609Kb / 2P
   ESD protection for USB 3.0 (SuperSpeed USB) and eSATA data lines
August 2012
logo
Leopard Imaging Inc.
LI-USB30-AR0144X LEOPARD-LI-USB30-AR0144X Datasheet
454Kb / 2P
   USB 3.0
logo
Glenair, Inc.
963-012 GLENAIR-963-012 Datasheet
205Kb / 1P
   USB 3.0
logo
Leopard Imaging Inc.
LI-USB30-MIPI-TESTER LEOPARD-LI-USB30-MIPI-TESTER Datasheet
726Kb / 3P
   USB 3.0
logo
Qualtek Electronics Cor...
3023013-02M QUALTEK-3023013-02M Datasheet
633Kb / 1P
   USB 3.0 A/M - USB 3.0 A/M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com