Part Name
         Description
SN65LVPE502

 Dual Channel USB3.0 Redriver/Equalizer ( 24 Page)


TI
100% 
Zoom Out Zoom In
 12 page
background image
SLLSE29 – APRIL 2010
www.ti.com
Typical Eye Diagram and Performance Curves
Input Signal Characteristics: Data Rate = 5 Gbps, VID = 1000 mVpp, DE = -3.5 dB, Pattern = K28.5 Device
Operating Conditions: VCC = 3.3 V, Temp = 25°C
Input Trace Length Held Constant and Output Cable Length Varied
Figure 10. Input Trace = 12 Inches, 6 mil and Output USB 3 Cable Length = 1 M
vertical spacer
vertical spacer
Figure 11. Input Trace = 12 Inches, 6 mil and Output USB 3 Cable Length = 2 M
12
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): SN65LVPE502



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl