Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15025 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15025
Description  Single/Dual, 16ns, High Sink/source Current Gate Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15025 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15025 Datasheet HTML 1Page - Maxim Integrated Products MAX15025 Datasheet HTML 2Page - Maxim Integrated Products MAX15025 Datasheet HTML 3Page - Maxim Integrated Products MAX15025 Datasheet HTML 4Page - Maxim Integrated Products MAX15025 Datasheet HTML 5Page - Maxim Integrated Products MAX15025 Datasheet HTML 6Page - Maxim Integrated Products MAX15025 Datasheet HTML 7Page - Maxim Integrated Products MAX15025 Datasheet HTML 8Page - Maxim Integrated Products MAX15025 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Single/Dual, 16ns, High Sink/Source
Current Gate Drivers
4
_______________________________________________________________________________________
MAX15024 ELECTRICAL CHARACTERISTICS (continued)
(VCC = VDRV = VREG = 10V, FB/SET = GND, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = TJ =
+ 25°C). (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SWITCHING CHARACTERISTICS FOR VCC = VDRV = VREG = 4.5V (see Figure 1) (MAX15024A)
CLOAD = 1nF
3
CLOAD = 5nF
11
Rise Time
tR
CLOAD = 10nF
22
ns
CLOAD = 1nF
2.5
CLOAD = 5nF
8
Fall Time
tF
CLOAD = 10nF
16
ns
Turn-On Delay Time
tD-ON
CLOAD = 1nF
18
ns
Turn-Off Delay Time
tD-OFF
CLOAD = 1nF
18
ns
Mismatch Propagation Delays
from Inverting and Noninverting
Inputs to Output
CLOAD = 1nF
2
ns
Minimum Input Pulse Width that
Changes the Output
tPW
15
ns
THERMAL CHARACTERISTICS
Thermal-Shutdown
Temperature
Temperature rising
+160
°C
Thermal-Shutdown
Temperature Hysteresis
15
°C
MAX15025 ELECTRICAL CHARACTERISTICS
(VCC = VDRV = VREG = 10V, FB/SET = GND, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = TJ =
+25°C). (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SYSTEM SPECIFICATIONS
MAX15025B/D
6.5
28
VCC powered only,
VREG = VDRV decoupled
with minimum 1µF
to GND
MAX15025A/C
4.5
28
VCC = VREG = VDRV (MAX15025B/D)
6.5
18.0
Input Voltage Range
VCC
VCC = VREG = VDRV (MAX15025A/C)
4.5
18.0
V
VDRV Turn-On Voltage
VDRV_ON
VCC = VREG = 10V, IN1 = VCC, IN2 = VCC
(MAX15025A/B) or GND for (MAX15025C/D)
1.7
2.3
V
Quiescent Supply Current
IN_ = VCC or GND
700
1350
µA
Quiescent Supply Current
Under UVLO Condition
IN_ = VCC or GND
250
µA
Switching Supply Current
Switching at 250kHz, CL = 0F
1.5
3.0
mA
VCC Undervoltage Lockout
UVLO_ VCC
VCC rising
3.0
3.4
3.8
V


Similar Part No. - MAX15025

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15025 MAXIM-MAX15025 Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
MAX15025AATB MAXIM-MAX15025AATB Datasheet
401Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers AEC-Q100 Qualified
Rev 3; 4/11
MAX15025AATB+T MAXIM-MAX15025AATB+T Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
MAX15025AATV MAXIM-MAX15025AATV Datasheet
401Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers AEC-Q100 Qualified
Rev 3; 4/11
MAX15025BATB MAXIM-MAX15025BATB Datasheet
401Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers AEC-Q100 Qualified
Rev 3; 4/11
More results

Similar Description - MAX15025

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15024 MAXIM-MAX15024 Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
MAX15024 MAXIM-MAX15024_11 Datasheet
401Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers AEC-Q100 Qualified
Rev 3; 4/11
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
   4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
logo
Texas Instruments
REF200 TI1-REF200 Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Source and Current Sink
logo
List of Unclassifed Man...
UDN-2980A ETC1-UDN-2980A Datasheet
92Kb / 2P
   HIGH-VOLTAGE, HIGH-CURRENT SOURCE DRIVERS
logo
Texas Instruments
REF200 TI-REF200_15 Datasheet
1Mb / 34P
[Old version datasheet]   REF200 Dual Current Source and Current Sink
logo
ON Semiconductor
NCV5701A ONSEMI-NCV5701A Datasheet
336Kb / 20P
   High Current IGBT Gate Drivers
October, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com