Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15024 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX15024
Description  Single/Dual, 16ns, High Sink/source Current Gate Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15024 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX15024_10 Datasheet HTML 5Page - Maxim Integrated Products MAX15024_10 Datasheet HTML 6Page - Maxim Integrated Products MAX15024_10 Datasheet HTML 7Page - Maxim Integrated Products MAX15024_10 Datasheet HTML 8Page - Maxim Integrated Products MAX15024_10 Datasheet HTML 9Page - Maxim Integrated Products MAX15024_10 Datasheet HTML 10Page - Maxim Integrated Products MAX15024_10 Datasheet HTML 11Page - Maxim Integrated Products MAX15024_10 Datasheet HTML 12Page - Maxim Integrated Products MAX15024_10 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Single/Dual, 16ns, High Sink/Source
Current Gate Drivers
_______________________________________________________________________________________
9
Pin Description
PIN
MAX15024
MAX15025A
MAX15025B
MAX15025C
MAX15025D
NAME
FUNCTION
1
1
1
FB/SET
LDO Regulator Output Set. Feedback for VREG adjustment (VFB > 200mV).
Connect FB/SET to GND for a fixed 10V output REG. Connect FB/SET to a
resistor ladder to set VREG.
22
2
VCC
Power-Supply Input. Bypass to GND with a low-ESR ceramic capacitor of
1µF. Input of the internal housekeeping regulator and of the main REG
regulator.
3
3
3
GND
Signal Ground
4
IN+
Driver Noninverting Logic Input. Connect to VCC when not used.
4
4
IN1
Driver 1 Noninverting Logic Input
5
IN-
Driver Inverting Logic Input. Connect to GND when not used.
5
IN2
Driver 2 Noninverting Logic Input
——
5
IN2
Driver 2 Inverting Logic Input
6
6
6
PGND
Power Ground. Sink current return. Source of the internal pulldown
n-channel transistor.
7
N_OUT
Sink Output. Open-drain n-channel output. N_OUT sinks current for power
MOSFET turn-off.
7
7
OUT2
Driver 2 Output
8
P_OUT
Source Output. Pullup p-channel output (open drain). Sources current for
power MOSFET turn-on.
8
8
OUT1
Driver 1 Output
9
9
9
DRV
Output Driver Supply Voltage. Decouple DRV with a low ESR > 0.1µF
ceramic capacitor to PGND placed in close proximity to the device. DRV
can be powered independently from REG. Connect DRV, REG, and VCC
together when there is no need for special DRV supply sequencing and
the power-MOSFET gate voltage does not need to be regulated or limited.
10
10
10
REG
Voltage Regulator Output. Connect to DRV for driving the power MOSFET
with regulated VGS amplitude. Bypass with a low-ESR 1µF (minimum)
ceramic capacitor to GND placed in close proximity to the device to
ensure regulator stability.
——
EP
Exposed Pad. Internally connected to GND. Connect to GND plane or
thermal pad and use multiple vias to a solid copper area on the bottom of
the PCB.


Similar Part No. - MAX15024_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15024 MAXIM-MAX15024_11 Datasheet
401Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers AEC-Q100 Qualified
Rev 3; 4/11
More results

Similar Description - MAX15024_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15024 MAXIM-MAX15024 Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
MAX15024 MAXIM-MAX15024_11 Datasheet
401Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers AEC-Q100 Qualified
Rev 3; 4/11
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
   4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
logo
Texas Instruments
REF200 TI1-REF200 Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Source and Current Sink
logo
List of Unclassifed Man...
UDN-2980A ETC1-UDN-2980A Datasheet
92Kb / 2P
   HIGH-VOLTAGE, HIGH-CURRENT SOURCE DRIVERS
logo
Texas Instruments
REF200 TI-REF200_15 Datasheet
1Mb / 34P
[Old version datasheet]   REF200 Dual Current Source and Current Sink
logo
ON Semiconductor
NCV5701A ONSEMI-NCV5701A Datasheet
336Kb / 20P
   High Current IGBT Gate Drivers
October, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com