Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14770E Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX14770E
Description  High-ESD Profibus RS-485 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14770E Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX14770E Datasheet HTML 7Page - Maxim Integrated Products MAX14770E Datasheet HTML 8Page - Maxim Integrated Products MAX14770E Datasheet HTML 9Page - Maxim Integrated Products MAX14770E Datasheet HTML 10Page - Maxim Integrated Products MAX14770E Datasheet HTML 11Page - Maxim Integrated Products MAX14770E Datasheet HTML 12Page - Maxim Integrated Products MAX14770E Datasheet HTML 13Page - Maxim Integrated Products MAX14770E Datasheet HTML 14Page - Maxim Integrated Products MAX14770E Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
High-ESD Profibus RS-485 Transceiver
______________________________________________________________________________________ 11
Pin Configurations
Pin Description
PIN
NAME
FUNCTION
1
RO
Receiver Output. When RE is low and (A - B) R -50mV, RO is high; if (A - B) P -200mV, RO is low.
2
RE
Receiver Enable. Drive RE low to enable RO; RO is high impedance when RE is high. Drive RE
high and DE low to enter low-power shutdown mode.
3
DE
Driver Enable. Drive DE high to enable driver output. The driver outputs are high impedance when
DE is low. Drive RE high and DE low to enter low-power shutdown mode.
4
DI
Driver Input. With DE high, a low on DI forces the noninverting output, A, low and the inverting out-
put, B, high. Similarly, a high on DI forces the noninverting output, A, high and the inverting output,
B, low.
5
GND
Ground
6
A
Noninverting Receiver Input and Noninverting Driver Output
7
B
Inverting Receiver Input and Inverting Driver Output
8
VCC
Positive Supply. Bypass VCC to GND with a 0.1FF ceramic capacitor as close as possible to the
device.
EP
Exposed Pad (TDFN Only). Connect EP to GND.
MAX14770E
+
TOP VIEW
A
GND
8
7
VCC
B
SO
6
5
DE
DI
1
2
RO
3
4
RE
1
+
4
3
8
6
5
VCC
MAX14770E
2
7
B
A
GND
DI
RO
DE
TDFN
(3mm × 3mm)
*CONNECT EXPOSED PAD TO GND.
*EP
RE


Similar Part No. - MAX14770E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 15P
   High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
MAX14770EATA MAXIM-MAX14770EATA Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
MAX14770EATA+T MAXIM-MAX14770EATA+T Datasheet
1Mb / 15P
   High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
MAX14770EATA+T MAXIM-MAX14770EATA+T Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
More results

Similar Description - MAX14770E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E_11 Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 15P
   High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
MAX14770E MAXIM-MAX14770E_13 Datasheet
2Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 4; 2/13
MAX14770E MAXIM-MAX14770E_12 Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
MAX14770E MAXIM-MAX14770E_15 Datasheet
1,020Kb / 16P
   ±35kV High-ESD Profibus RS-485 Transceiver
Rev 5; 1/15
logo
Texas Instruments
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver
ISO1176 TI-ISO1176_1 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176 TI1-ISO1176_15 Datasheet
1Mb / 37P
[Old version datasheet]   Isolated RS-485 Profibus Transceiver
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
logo
Renesas Technology Corp
ISL32740E RENESAS-ISL32740E Datasheet
881Kb / 20P
   Isolated 40Mbps RS-485 PROFIBUS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com