Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13451EAUD+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX13451EAUD+
Description  RS-485 Transceivers with Integrated 100廓/120廓 Termination Resistors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13451EAUD+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX13451EAUD+ Datasheet HTML 1Page - Maxim Integrated Products MAX13451EAUD+ Datasheet HTML 2Page - Maxim Integrated Products MAX13451EAUD+ Datasheet HTML 3Page - Maxim Integrated Products MAX13451EAUD+ Datasheet HTML 4Page - Maxim Integrated Products MAX13451EAUD+ Datasheet HTML 5Page - Maxim Integrated Products MAX13451EAUD+ Datasheet HTML 6Page - Maxim Integrated Products MAX13451EAUD+ Datasheet HTML 7Page - Maxim Integrated Products MAX13451EAUD+ Datasheet HTML 8Page - Maxim Integrated Products MAX13451EAUD+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
RS-485 Transceivers with Integrated
100/120Termination Resistors
_______________________________________________________________________________________ 5
SWITCHING CHARACTERISTICS—SRL = LOW
(VCC = +4.5V to +5.5V, VL = +1.62V to 4.2V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V,
VL = +1.8V, and TA = +25NC.) (Note 2)
Note 2: All devices are 100% production tested at TA = +25°C. Limits over temperature are guaranteed by design.
Note 3: Termination resistance is disabled (TERM = high).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER
Driver Propagation Delay
tDPLH
RDIFF = 54I, CL = 50pF, Figures 2 and 3
50
ns
tDPHL
50
Differential Driver Output Skew
|tDPLH - tDPHL|
tDSKEW
RDIFF = 54I, CL = 50pF, Figure 3
6
ns
Driver Differential Output Rise or
Fall Time
tHL, tLH
RDIFF = 54I, CL = 50pF, Figures 2 and 3
15
ns
Maximum Data Rate
DRMAX
20
Mbps
Driver Enable from Shutdown to
Output High
tDZH(SHDN)
S2 closed, RL = 500I, CL = 100pF,
Figures 4 and 5
2000
ns
Driver Enable from Shutdown to
Output Low
tDZL(SHDN)
S1 closed, RL = 500I, CL = 100pF,
Figures 4 and 5
2000
ns
Driver Disable Delay
tDLZ, tDHZ Figures 4 and 5
100
ns
Driver Enable Delay
tDZL, tDZH Figures 4 and 5
100
ns
RECEIVER
Receiver Propagation Delay
tRPLH
CL = 15pF, |VID| R 2.0V; tLH, tHL P 15ns,
Figures 6 and 7
50
ns
tRPHL
50
Receiver Output Skew
tRSKEW
CL = 15pF, Figures 6 and 7
6
ns
Maximum Data Rate
DRMAX
20
Mbps
Receiver Enable to Output High
tRZH
S2 closed, CL = 100pF, RL = 500I,
Figures 8 and 9
50
ns
Receiver Enable to Output Low
tRZL
S1 closed, CL = 100pF, RL = 500I,
Figures 8 and 9
50
ns
Receiver Disable Time from High
tRHZ
Figures 8 and 9
50
ns
Receiver Disable Time from Low
tRLZ
Figures 8 and 9
50
ns
Receiver Enable from Shutdown
to Output High
tRZH(SHDN) Figures 8 and 9
2000
ns
Receiver Enable from Shutdown
to Output Low
tRZL(SHDN) Figures 8 and 9
2000
ns
TERMINATION RESISTOR
Turn-Off Time
tRTZ
Figure 10
120
F
s
Turn-On Time
tRTEN
Figure 10
1
F
s


Similar Part No. - MAX13451EAUD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13451EAUD++ MAXIM-MAX13451EAUD+ Datasheet
1Mb / 17P
   RS-485 Transceivers with Integrated 100Ω/120Ω Termination Resistors
Rev 1; 11/10
More results

Similar Description - MAX13451EAUD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13450E_1011 MAXIM-MAX13450E_1011 Datasheet
1Mb / 17P
   RS-485 Transceivers with Integrated 100Ω/120Ω Termination Resistors
Rev 1; 11/10
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
logo
Analog Devices
ADM2482E AD-ADM2482E_V01 Datasheet
670Kb / 20P
   2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
Rev. A
logo
Texas Instruments
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
logo
Analog Devices
ADM2482E AD-ADM2482E Datasheet
643Kb / 20P
   2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com