Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11115AUT+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX11115AUT+
Description  2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11115AUT+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11115AUT+ Datasheet HTML 1Page - Maxim Integrated Products MAX11115AUT+ Datasheet HTML 2Page - Maxim Integrated Products MAX11115AUT+ Datasheet HTML 3Page - Maxim Integrated Products MAX11115AUT+ Datasheet HTML 4Page - Maxim Integrated Products MAX11115AUT+ Datasheet HTML 5Page - Maxim Integrated Products MAX11115AUT+ Datasheet HTML 6Page - Maxim Integrated Products MAX11115AUT+ Datasheet HTML 7Page - Maxim Integrated Products MAX11115AUT+ Datasheet HTML 8Page - Maxim Integrated Products MAX11115AUT+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
_______________________________________________________________________________________ 3
2Msps/3Msps, Low-Power,
Serial 12-/10-/8-Bit ADCs
ELECTRICAL CHARACTERISTICS (MAX11102/MAX11103/MAX11105) (continued)
(VDD = 2.2V to 3.6V, VREF = VDD, VOVDD = VDD, fSCLK = 48MHz, 50% duty cycle, 3Msps (MAX11103); fSCLK = 32MHz, 50%
duty cycle, 2Msps (MAX11102/MAX11105), CDOUT = 10pF, TA = -40NC to +125NC, unless otherwise noted. Typical values are at
TA = +25NC.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Small-Signal Bandwidth
45
MHz
Crosstalk
MAX11102/MAX11103
-90
dB
CONVERSION RATE
Throughput
MAX11103
0.03
3
Msps
MAX11102/MAX11105
0.02
2
Conversion Time
MAX11103
260
ns
MAX11102/MAX11105
391
Acquisition Time
tACQ
52
ns
Aperture Delay
From CS falling edge
4
Aperture Jitter
15
ps
Serial-Clock Frequency
fCLK
MAX11103
0.48
48
MHz
MAX11102/MAX11105
0.32
32
ANALOG INPUT (AIN1, AIN2/AIN)
Input Voltage Range
VINA__
0
VREF
V
Input Leakage Current
IILA
2nA
Q
1
F
A
Input Capacitance
CAIN_
Track
20
pF
Hold
4
EXTERNAL REFERENCE INPUT (REF) (MAX11102/MAX11103)
Reference Input Voltage Range
VREF
1
VDD +
0.05
V
Reference Input Leakage Current
IILR
Conversion stopped
0.005
Q
1
F
A
Reference Input Capacitance
CREF
5
pF
DIGITAL INPUTS (SCLK, CS, CHSEL)
Digital Input High Voltage
VIH
(Note 2)
75
%OVDD
Digital Input Low Voltage
VIL
(Note 2)
25
%OVDD
Digital Input Hysteresis
VHYST
(Note 2)
15
%OVDD
Digital Input Leakage Current
IIL
Inputs at GND or VDD
1nA
Q
1
F
A
Digital Input Capacitance
CIN
2
pF
DIGITAL OUTPUT (DOUT)
Output High Voltage
VOH
ISOURCE = 200FA (Note 2)
85
%OVDD
Output Low Voltage
VOL
ISINK = 200FA (Note 2)
15
%OVDD
High-Impedance Leakage
Current
IOL
Q
1.0
F
A
High-Impedance Output
Capacitance
COUT
4
pF
POWER SUPPLY
Positive Supply Voltage
VDD
2.2
3.6
V
Digital I/O Supply Voltage
VOVDD
MAX11102/MAX11103
1.5
VDD
V


Similar Part No. - MAX11115AUT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11115AUT++ MAXIM-MAX11115AUT+ Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
More results

Similar Description - MAX11115AUT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
MAX11102_1108 MAXIM-MAX11102_1108 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 5; 8/11
MAX11102 MAXIM-MAX11102_12 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 7; 9/12
MAX11102 MAXIM-MAX11102_11 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs 2.2V to 3.6V Supply Voltage
Rev 4; 2/11
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com