Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11105AUT+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX11105AUT+
Description  2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11105AUT+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX11105AUT+ Datasheet HTML 5Page - Maxim Integrated Products MAX11105AUT+ Datasheet HTML 6Page - Maxim Integrated Products MAX11105AUT+ Datasheet HTML 7Page - Maxim Integrated Products MAX11105AUT+ Datasheet HTML 8Page - Maxim Integrated Products MAX11105AUT+ Datasheet HTML 9Page - Maxim Integrated Products MAX11105AUT+ Datasheet HTML 10Page - Maxim Integrated Products MAX11105AUT+ Datasheet HTML 11Page - Maxim Integrated Products MAX11105AUT+ Datasheet HTML 12Page - Maxim Integrated Products MAX11105AUT+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
_______________________________________________________________________________________ 9
2Msps/3Msps, Low-Power,
Serial 12-/10-/8-Bit ADCs
ELECTRICAL CHARACTERISTICS (MAX11111/MAX11115/MAX11116) (continued)
(VDD = 2.2V to 3.6V, VREF = VDD, VOVDD = VDD, fSCLK = 48MHz, 50% duty cycle, 3Msps (MAX11111/MAX11116); fSCLK = 32MHz,
50% duty cycle, 2Msps (MAX11115), CDOUT = 10pF, TA = -40NC to +125NC, unless otherwise noted. Typical values are at TA =
+25NC.)
Note 1: Guaranteed by design and characterization; not production tested.
Note 2: VOVDD is tied to VDD internally for all SOT devices.
Note 3: All timing specifications given are with a 10pF load capacitor.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CS Falling Until DOUT High
Impedance Disabled
t3
(Note 1)
1
ns
Data Access Time After SCLK
Falling Edge
t4
Figure 2
VOVDD = 2.2V - 3.6V
15
ns
VOVDD = 1.5V - 2.2V
16.5
SCLK Pulse Width Low
t5
Percentage of clock period
40
60
%
SCLK Pulse Width High
t6
Percentage of clock period
40
60
%
Data Hold Time from SCLK Falling
Edge
t7
Figure 3
5
ns
SCLK Falling Until DOUT High
Impedance
t8
Figure 4 (Note 1)
2.5
14
ns
Power-Up Time
Conversion cycle
1
Cycles


Similar Part No. - MAX11105AUT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11105AUT++ MAXIM-MAX11105AUT+ Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
More results

Similar Description - MAX11105AUT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
MAX11102_1108 MAXIM-MAX11102_1108 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 5; 8/11
MAX11102 MAXIM-MAX11102_12 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 7; 9/12
MAX11102 MAXIM-MAX11102_11 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs 2.2V to 3.6V Supply Voltage
Rev 4; 2/11
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com