Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11111 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX11111
Description  2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11111 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX11111 Datasheet HTML 7Page - Maxim Integrated Products MAX11111 Datasheet HTML 8Page - Maxim Integrated Products MAX11111 Datasheet HTML 9Page - Maxim Integrated Products MAX11111 Datasheet HTML 10Page - Maxim Integrated Products MAX11111 Datasheet HTML 11Page - Maxim Integrated Products MAX11111 Datasheet HTML 12Page - Maxim Integrated Products MAX11111 Datasheet HTML 13Page - Maxim Integrated Products MAX11111 Datasheet HTML 14Page - Maxim Integrated Products MAX11111 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
______________________________________________________________________________________ 11
2Msps/3Msps, Low-Power,
Serial 12-/10-/8-Bit ADCs
µMAX Typical Operating Characteristics
(MAX11103AUB+, TA = +25°C, unless otherwise noted.)
THD vs. ANALOG INPUT FREQUENCY
fIN (kHz)
-110
-100
-90
-80
-70
-60
-120
1200
900
600
300
0
1500
fS = 3Msps
SNR AND SINAD
vs. ANALOG INPUT FREQUENCY
fIN (kHz)
SINAD
SNR
1200
900
600
300
71
72
73
74
75
70
0
1500
fS = 3Msps
HISTOGRAM FOR 30,000 CONVERSIONS
DIGITAL CODE OUTPUT
2049
2048
2047
5000
10,000
15,000
20,000
25,000
30,000
35,000
0
2046
2050
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (˚C)
110
95
80
65
50
35
20
5
-10
-25
-2
-1
0
1
2
3
-3
-40
125
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (˚C)
110
95
80
65
50
35
20
5
-10
-25
-2
-1
0
1
2
3
-3
-40
125
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
3000
2000
1000
-0.5
0
0.5
1.0
-1.0
0
4000
fS = 3.0Msps
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
3000
2000
1000
-0.5
0
0.5
1.0
-1.0
0
4000
fS = 3.0Msps


Similar Part No. - MAX11111

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11111 MAXIM-MAX11111 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs 2.2V to 3.6V Supply Voltage
Rev 4; 2/11
MAX11111ATB++ MAXIM-MAX11111ATB+ Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
MAX11111 MAXIM-MAX11111_12 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 7; 9/12
More results

Similar Description - MAX11111

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
MAX11102_1108 MAXIM-MAX11102_1108 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 5; 8/11
MAX11102 MAXIM-MAX11102_12 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 7; 9/12
MAX11102 MAXIM-MAX11102_11 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs 2.2V to 3.6V Supply Voltage
Rev 4; 2/11
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com