Part Name
         Description
MAX11105

 2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs ( 25 Page)


MAXIM
100% 
Zoom Out Zoom In
 
 5 page
background image
_______________________________________________________________________________________ 5
2Msps/3Msps, Low-Power,
Serial 12-/10-/8-Bit ADCs
ELECTRICAL CHARACTERISTICS (MAX11106/MAX11110/MAX11117) (continued)
(VDD = 2.2V to 3.6V, VREF = VDD, VOVDD = VDD, fSCLK = 48MHz, 50% duty cycle, 3Msps (MAX11106/MAX11117); fSCLK = 32MHz,
50% duty cycle, 2Msps (MAX11110), CDOUT = 10pF, TA = -40NC to +125NC, unless otherwise noted. Typical values are at TA =
+25NC.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Total Unadjusted Error
TUE
Q
1
LSB
Channel-to-Channel Offset
Matching
MAX11106
Q
0.1
LSB
Channel-to-Channel Gain
Matching
MAX11106
Q
0.1
LSB
DYNAMIC PERFORMANCE (MAX11106/MAX11117: fIN = 1MHz, MAX11110: fIN = 0.5MHz)
Signal-to-Noise and Distortion
SINAD
MAX11106/MAX11117
59
61.5
dB
MAX11110
60.5
61.5
Signal-to-Noise Ratio
SNR
MAX11106/MAX11117
59
61.5
dB
MAX11110
60.5
61.5
Total Harmonic Distortion
THD
MAX11106/MAX11117
-85
-74
dB
MAX11110
-85
-73
Spurious-Free Dynamic Range
SFDR
MAX11106/MAX11117
75
dB
MAX11110
75
Intermodulation Distortion
IMD
f1 = 1.0003MHz, f2 = 0.99955MHz
(MAX11106/MAXX11117);
f1 = 500.15kHz, f2 = 499.56 kHz
(MAX11110)
-82
dB
Full-Power Bandwidth
-3dB point
40
MHz
Full-Linear Bandwidth
SINAD > 60dB
2.5
MHz
Small-Signal Bandwidth
45
MHz
Crosstalk
MAX11106
-90
dB
CONVERSION RATE
Throughput
MAX11106/MAX11117
0.03
3
Msps
MAX11110
0.02
2
Msps
Conversion Time
MAX11106/MAX11117
260
ns
MAX11110
391
ns
Acquisition Time
tACQ
52
ns
Aperture Delay
From CS falling edge
4
ns
Aperture Jitter
15
ps
Serial-Clock Frequency
fCLK
MAX11106/MAX11117
0.48
48
MHz
MAX11110
0.32
32
ANALOG INPUT (AIN1/AIN2 for MAX11106) (AIN for MAX11110/MAX11117)
Input Voltage Range
VINA__
0
VREF
V
Input Leakage Current
IILA
2nA
Q
1
F
A
Input Capacitance
CAIN_
Track
20
pF
Hold
4
EXTERNAL REFERENCE INPUT (REF) (MAX11106)
Reference Input Voltage Range
VREF
1
VDD + 0.05
V
Reference Input Leakage Current
IILR
Conversion stopped
0.005
Q
1
F
A



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl