Part Name
         Description
MAX11105

 2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs ( 25 Page)


MAXIM
100% 
Zoom Out Zoom In
 19 page
background image
______________________________________________________________________________________ 19
2Msps/3Msps, Low-Power,
Serial 12-/10-/8-Bit ADCs
Power-Down Mode
In power-down mode, all bias circuitry is shut down
drawing typically only 1.3FA of leakage current. To save
power, put the device in power-down mode between
conversions. Using the power-down mode between
conversions is ideal for saving power when sampling the
analog input infrequently.
Entering Power-Down Mode
To enter power-down mode, drive CS high between the
2nd and 10th falling edges of SCLK (see Figure 8). By
pulling CS high, the current conversion terminates and
DOUT enters high impedance.
Exiting Power-Down Mode
To exit power-down mode, implement one dummy con-
version by driving CS low for at least 10 clock cycles
(see Figure 9). The data on DOUT is invalid during this
dummy conversion. The first conversion following the
dummy cycle contains a valid conversion result.
The power-up time equals the duration of the dummy
cycle, and is dependent on the clock frequency. The
power-up time for 3Msps operation (48MHz SCLK) is
333ns. The power-up time for 2Msps operation (32MHz
SCLK) is 500ns.
ADC Transfer Function
The output format is straight binary. The code transi-
tions midway between successive integer LSB values
such as 0.5 LSB, 1.5 LSB, etc. The LSB size for single-
channel devices is VDD/2n and for dual-channel devices
is VREF/2n, where n is the resolution. The ideal transfer
characteristic is shown in Figure 10.
Figure 8. Entering Power-Down Mode
Figure 9. Exiting Power-Down Mode
Figure 10. ADC Transfer Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
HIGH
IMPEDANCE
INVALID
DATA
SCLK
CS
DOUT
INVALID DATA OR HIGH IMPEDANCE
HIGH IMPEDANCE
PULL CS HIGH AFTER THE 2ND AND BEFORE THE 10TH SCLK FALLING EDGE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
N
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
HIGH
IMPEDANCE
HIGH
IMPEDANCE
HIGH
IMPEDANCE
SCLK
CS
DOUT
INVALID DATA (DUMMY CONVERSION)
VALID DATA
FS - 1.5 x LSB
OUTPUT CODE
ANALOG
INPUT (LSB)
111...111
111...110
111...101
0
1
2
3
2n-2 2n-1 2n
000...000
000...001
000...010
FULL SCALE (FS):
AIN1/AIN2 = REF (TDFN, µMax)
AIN = VDD (SOT)
n = RESOLUTION



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl