Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT95R45 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT95R45
Description  Phone 8-Bit MCU with DTMF Receiver & CPT
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R45 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT95R45 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 9Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
Low-voltage Reset
VLVR1
Low Voltage Reset 1
¾ Configuration option= 4.2V
3.98
4.2
4.42
V
VLVR2
Low Voltage Reset 2
¾ Configuration option= 3.15V
2.98
3.15
3.32
V
VLVR3
Low Voltage Reset 3
¾ Configuration option= 2.1V
1.98
2.1
2.22
V
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
General
fSYS1
System Clock 1
¾
Normal mode
32768Hz crystal oscillator
¾
3.5795
¾
MHz
Normal Mode, X2 PLL
¾
7.16
¾
MHz
Normal Mode, X3 PLL
¾
10.74
¾
MHz
Normal Mode, X4 PLL
¾
14.32
¾
MHz
fSYS2
System Clock 2
¾
Green mode
32768Hz crystal oscillator
¾
32
¾
kHz
tSST
System Start-up Timer Period
¾
Power-up, Reset or wake-up
from HALT
¾
1024
¾
tSYS
tLVR
Low Voltage Width to Reset
¾¾
¾
1
¾
ms
tWAKE
Wake-up Time for 32768Hz
Crystal OSC
3V
32kHz oscillator OFF
® ON
¾¾
200
ms
tFUP
Settling Time for 32768Hz to
3.58MHz PLL (Frequency Up
Conversion)
3V
32kHz oscillator is ON;
3.58MHz oscillator OFF
®
ON
¾¾
20
ms
tS2G
Time from Sleep Mode to
Green Mode
¾ Wake-up from Sleep Mode
¾
0
¾
ms
MCU
tWDTOSC
Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
tRES
External Reset Low Pulse
Width
¾¾
1
¾¾
ms
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
HT95R45
Rev. 1.00
6
March 12, 2010


Similar Part No. - HT95R45

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95R43 HOLTEK-HT95R43 Datasheet
97Kb / 8P
   I/O Type Phone 8-bit MCU with DTMF Receiver & CPT Detector
HT95R43 HOLTEK-HT95R43_11 Datasheet
99Kb / 8P
   I/O Type Phone 8-bit MCU with DTMF Receiver & CPT Detector
HT95R44 HOLTEK-HT95R44 Datasheet
97Kb / 8P
   I/O Type Phone 8-bit MCU with DTMF Receiver & CPT Detector
HT95R44 HOLTEK-HT95R44_11 Datasheet
99Kb / 8P
   I/O Type Phone 8-bit MCU with DTMF Receiver & CPT Detector
More results

Similar Description - HT95R45

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95R44 HOLTEK-HT95R44 Datasheet
97Kb / 8P
   I/O Type Phone 8-bit MCU with DTMF Receiver & CPT Detector
HT95R44 HOLTEK-HT95R44_11 Datasheet
99Kb / 8P
   I/O Type Phone 8-bit MCU with DTMF Receiver & CPT Detector
HT95R35 HOLTEK-HT95R35 Datasheet
555Kb / 73P
   Phone 8-Bit MCU with DTMF Receiver
HT95R64 HOLTEK-HT95R64 Datasheet
546Kb / 82P
   CID Phone 8-Bit MCU with CPT
HT95R33 HOLTEK-HT95R33 Datasheet
417Kb / 59P
   I/O Type Phone 8-bit MCU with DTMF Receiver
HT95R34 HOLTEK-HT95R34 Datasheet
415Kb / 59P
   I/O Type Phone 8-bit MCU with DTMF Receiver
HT95R24 HOLTEK-HT95R24 Datasheet
365Kb / 53P
   Phone 8-bit MCU
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
   Phone 8-bit MCU
HT95R54 HOLTEK-HT95R54 Datasheet
541Kb / 80P
   CID Phone 8-Bit MCU
HT95CXXX HOLTEK-HT95CXXX Datasheet
416Kb / 51P
   CID Type Phone 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com