Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8930 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8930
Description  WLED Charge Pump, RGB, OLED Boost, LDOs with ALC and CAI
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8930 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8930 Datasheet HTML 4Page - Maxim Integrated Products MAX8930 Datasheet HTML 5Page - Maxim Integrated Products MAX8930 Datasheet HTML 6Page - Maxim Integrated Products MAX8930 Datasheet HTML 7Page - Maxim Integrated Products MAX8930 Datasheet HTML 8Page - Maxim Integrated Products MAX8930 Datasheet HTML 9Page - Maxim Integrated Products MAX8930 Datasheet HTML 10Page - Maxim Integrated Products MAX8930 Datasheet HTML 11Page - Maxim Integrated Products MAX8930 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8_ _ _______________________________________________________________________________________
WLED Charge Pump, RGB, OLED Boost,
LDOs with ALC and CAI
CAI_CHARACTERISTICS
GPO_(OPEN-DRAIN_OUTPUT)_CHARACTERISTICS
EN_CHARACTERISTICS
PLAYR/PLAYG/PLAYB_CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PWM Low-Level Input Voltage
0.4
V
PWM High-Level Input Voltage
1.4
V
PWM Dimming Frequency
CFILT = 0.1FF (Note 3)
0.1
0.2
15
kHz
Current Dimming Range
Duty cycle = 0% to 100% (Note 3)
0
25.6
mA
PWM Dimming Resolution
1% P duty cycle P 100% (Note 3)
0.256
mA/%
CAI Enable Blanking Time (tB)
Time from CAI enable until dimming control switches to
CAI input (Note 4)
10
ms
Input Leakage Current
CAI = GND or VCAI = 3.7V
TA = +25NC
0.1
1
F
A
TA = +85NC
1
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Low-Level Output Voltage
ISINK = 1mA
0.2
V
Output Leakage Current
VLDO__ = 2.6V
TA = +25NC
0.1
F
A
TA = +85NC
1
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Low-Level Input Voltage
0.4
V
High-Level Input Voltage
1.4
V
Input Leakage Current
VEN = 0V or 3.7V
TA = +25NC
0.1
1
F
A
TA = +85NC
1
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Low-Level Input Voltage
0.4
V
High-Level Input Voltage
1.4
V
ON/OFF PWM Frequency
(Note 3)
2
200
Hz
PLAY_ Minimum High Time
PLAY_ active high
(Bit 1 = low in Register 20h) (Note 3)
80
F
s
PLAY_ Minimum Low Time
PLAY_ active low
(Bit 1= high in Register 20h) (Note 3)
80
F
s
Pulldown Resistor to AGND
800
kI


Similar Part No. - MAX8930

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX893 MAXIM-MAX893 Datasheet
115Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1450; Rev 0; 7/99
MAX8934A MAXIM-MAX8934A Datasheet
3Mb / 31P
   Dual-Input Linear Chargers, Smart Power Selector with Advanced Battery Temperature Monitoring
Rev 1; 3/10
MAX8934A MAXIM-MAX8934A Datasheet
499Kb / 15P
   Fully Assembled and Tested
Rev 1; 1/14
MAX8934A MAXIM-MAX8934A Datasheet
1Mb / 32P
   Dual-Input Linear Chargers, Smart Power Selector
2014
MAX8934AETI++ MAXIM-MAX8934AETI+ Datasheet
3Mb / 31P
   Dual-Input Linear Chargers, Smart Power Selector with Advanced Battery Temperature Monitoring
Rev 1; 3/10
More results

Similar Description - MAX8930

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3212 LINER-LTC3212 Datasheet
746Kb / 12P
   RGB LED Driver and Charge Pump
LTC3212 LINER-LTC3212_15 Datasheet
820Kb / 12P
   RGB LED Driver and Charge Pump
logo
Texas Instruments
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
[Old version datasheet]   Buck-Boost Charge Pump
logo
Exar Corporation
SP6887 EXAR-SP6887 Datasheet
745Kb / 10P
   4 CHANNEL REGULATED CHARGE PUMP WLED DRIVER
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
logo
Anpec Electronics Corop...
APW7251 ANPEC-APW7251 Datasheet
244Kb / 18P
   Boost and Dual LDOs with POK
logo
Texas Instruments
LP5569 TI1-LP5569 Datasheet
983Kb / 86P
[Old version datasheet]   Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
LP5569 TI1-LP5569_18 Datasheet
2Mb / 93P
[Old version datasheet]   Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
   High Efficiency Boost Charge Pump Regulator
logo
ON Semiconductor
LV52130N0XA ONSEMI-LV52130N0XA Datasheet
441Kb / 19P
   1coil Boost DC-DC converter and Inverter Charge Pump
October 2015 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com