Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5392NAUE+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5392NAUE+
Description  Dual, 256-Tap, Volatile, Low-Voltage, Linear Taper Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5392NAUE+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5392NAUE+ Datasheet HTML 6Page - Maxim Integrated Products MAX5392NAUE+ Datasheet HTML 7Page - Maxim Integrated Products MAX5392NAUE+ Datasheet HTML 8Page - Maxim Integrated Products MAX5392NAUE+ Datasheet HTML 9Page - Maxim Integrated Products MAX5392NAUE+ Datasheet HTML 10Page - Maxim Integrated Products MAX5392NAUE+ Datasheet HTML 11Page - Maxim Integrated Products MAX5392NAUE+ Datasheet HTML 12Page - Maxim Integrated Products MAX5392NAUE+ Datasheet HTML 13Page - Maxim Integrated Products MAX5392NAUE+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Dual, 256-Tap, Volatile, Low-Voltage,
Linear Taper Digital Potentiometer
10 _____________________________________________________________________________________
Detailed Description
The MAX5392 dual, 256-tap, volatile, low-voltage linear
taper digital potentiometer offers three end-to-end resis-
tance values of 10kI, 50kI, and 100kI. The potenti-
ometer consists of 255 fixed resistors in series between
terminals H_ and L_. The potentiometer wiper, W_, is
programmable to access any one of the 256 tap points
on the resistor string.
The potentiometers are programmable independently of
each other. The MAX5392 features an I2C interface.
Charge Pump
TThe MAX5392 contains an internal charge pump that
guarantees the maximum wiper resistance, RWL, to be
less than 200Ω for supply voltages down to 1.7V. Pins
H_, W_, and L_ are still required to be less than VDD +
0.3V. A bypass input, BYP, is provided to allow addi-
tional filtering of the charge-pump output, further reduc-
ing clock feedthrough that can occur on H_, W_, or L_.
The nominal clock rate of the charge pump is 600kHz.
BYP should remain resistively unloaded as any addi-
tional load would increase clock feedthrough. See the
Charge-Pump Feedthrough at W_ vs. CBYP graph in the
Typical Operating Characteristics for CBYP sizing guide-
lines with respect to clock feedthrough to the wiper. The
value of CBYP does affect the startup time of the charge
pump; however, CBYP does not impact the ability to
communicate with the device, nor is there a minimum
CBYP requirement. The maximum wiper impedance
specification is not guaranteed until the charge pump is
fully settled. See the BYP Ramp Time vs. CBYP graph in
the Typical Operating Characteristics for CBYP impact on
charge-pump settling time.
I2C Digital Interface
The I2C interface contains a shift register that decodes
the command and address bytes, routing the data to the
appropriate control registers. Data written to a control
register immediately updates the wiper position. The
wipers A and B power up in midposition, D[7:0] = 80h.
Serial Addressing
The MAX5392 operates as a slave device that receives
data through an I2C/SMBusK-compatible 2-wire serial
interface. The interface uses a serial-data access line
(SDA) and a serial-clock line (SCL) to achieve bidirec-
tional communication between master(s) and slave(s).
A master, typically a microcontroller, initiates all data
transfers to the port and generates the SCL clock that
synchronizes the data transfer. See Figure 2. Connect a
pullup resistor, typically 4.7kI, between each of the SDA
and SCL lines to a voltage between VDD and 5.5V.
SMBus is a trademark of Intel Corp.
Figure 2. I2C Serial-Interface Timing Diagram
SDA
SCL
START
CONDITION
(S)
tLOW
tBUF
tHIGH
tHD:STA
tHD:STA
tSU:DAT
tR
tF
tSU:STD
REPEATD
START CONDITION
(Sr)
ACKNOWLEDGE (A)
STOP CONDITION
(P)
START CONDITION
(S)
tHD:DAT
tSU:DTA


Similar Part No. - MAX5392NAUE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5392 MAXIM-MAX5392 Datasheet
1Mb / 19P
   Configurable and Fixed Device Addresses
Rev 1; 5/10
MAX5392EVKIT++ MAXIM-MAX5392EVKIT+ Datasheet
1Mb / 19P
   Configurable and Fixed Device Addresses
Rev 1; 5/10
MAX5392EVMINIQU MAXIM-MAX5392EVMINIQU Datasheet
1Mb / 19P
   Configurable and Fixed Device Addresses
Rev 1; 5/10
MAX5392EVMINIQU++ MAXIM-MAX5392EVMINIQU+ Datasheet
1Mb / 19P
   Configurable and Fixed Device Addresses
Rev 1; 5/10
More results

Similar Description - MAX5392NAUE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5389 MAXIM-MAX5389 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5387 MAXIM-MAX5387 Datasheet
2Mb / 15P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5394 MAXIM-MAX5394 Datasheet
2Mb / 15P
   Single, 256-Tap Volatile, SPI, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 9/12
MAX5395 MAXIM-MAX5395 Datasheet
2Mb / 17P
   Single, 256-Tap Volatile, I2C, Low-Voltage Linear Taper Digital Potentiometer
Rev 0; 7/12
MAX5391 MAXIM-MAX5391_10 Datasheet
2Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 1; 4/10
MAX5386 MAXIM-MAX5386 Datasheet
1Mb / 12P
   Dual, 256-Tap, Volatile Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 4/09
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5386 MAXIM-MAX5386_10 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 2; 1/10
MAX5386 MAXIM-MAX5386_V01 Datasheet
1Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
MAX5391 MAXIM-MAX5391_V01 Datasheet
1Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com