Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT75C0-1 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT75C0-1
Description  100mA Low Power LDO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT75C0-1 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT75C0-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT75C0-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT75C0-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT75C0-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT75C0-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT75C0-1 Datasheet HTML 9Page - Holtek Semiconductor Inc HT75C0-1 Datasheet HTML 10Page - Holtek Semiconductor Inc HT75C0-1 Datasheet HTML 11Page - Holtek Semiconductor Inc HT75C0-1 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
HT7560-1, +6.0V Output Type
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
8.0V
IOUT=10mA
5.82
6.0
6.18
V
IOUT
Output Current
8.0V
¾
150
¾¾
mA
DVOUT
Load Regulation
8.0V
1mA
£IOUT£70mA
¾
60
150
mV
VDIF
Voltage Drop (Note)
¾
IOUT=1mA,
DVOUT=2%
¾
100
¾
mV
ISS
Current Consumption
8.0V
No load
¾
2.5
5.0
mA
Line Regulation
¾
7.0V
£VIN£24V
IOUT=1mA
¾
0.2
¾
%/V
VIN
Input Voltage
¾¾
¾
¾
24
V
Temperature Coefficient
8.0V
IOUT=10mA
0
°C<Ta<70°C
¾±0.85
¾
mV/
°C
Note:
Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the
output voltage from the value at VIN =VOUT+2V with a fixed load.
HT7570-1, +7.0V Output Type
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
9.0V
IOUT=10mA
6.79
7.0
7.21
V
IOUT
Output Current
9.0V
¾
150
¾¾
mA
DVOUT
Load Regulation
9.0V
1mA
£IOUT£70mA
¾
60
150
mV
VDIF
Voltage Drop (Note)
¾
IOUT=1mA,
DVOUT=2%
¾
100
¾
mV
ISS
Current Consumption
9.0V
No load
¾
2.5
5.0
mA
Line Regulation
¾
8.0V
£VIN£24V
=1mA
¾
0.2
¾
%/V
VIN
Input Voltage
¾¾
¾
¾
24
V
Temperature Coefficient
9.0V
IOUT=10mA
0
°C<Ta<70°C
¾±0.95
¾
mV/
°C
Note:
Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the
output voltage from the value at VIN =VOUT+2V with a fixed load.
HT75XX-1
Rev. 1.80
8
March 25, 2010
D V O U T
D T a
D V O U T
D V I N ´ V O U T
D V O U T
D T a
D V O U T
D V I N ´ V O U T


Similar Part No. - HT75C0-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT75C0-1 HOLTEK-HT75C0-1 Datasheet
1Mb / 20P
   100mA Low Power LDO
More results

Similar Description - HT75C0-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT75XX-1 HOLTEK-HT75XX-1 Datasheet
129Kb / 14P
   100mA Low Power LDO
HT75XX-1 HOLTEK-HT75XX-1_13 Datasheet
1Mb / 20P
   100mA Low Power LDO
HT75XX-2 HOLTEK-HT75XX-2 Datasheet
104Kb / 10P
   100mA Low Power LDO
logo
Sirectifier Semiconduct...
BL6312R SIRECTIFIER-BL6312R Datasheet
257Kb / 8P
   100mA Low Power LDO
logo
SHANGHAI BELLING CO., L...
BL91XX BELLING-BL91XX Datasheet
449Kb / 8P
   100mA Low Power LDO
logo
Holtek Semiconductor In...
HT7530-2 HOLTEK-HT7530-2 Datasheet
96Kb / 9P
   100mA Low Power LDO
HT7521-2 HOLTEK-HT7521-2 Datasheet
119Kb / 13P
   100mA Low Power LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
   100mA Low Power LDO
logo
Holtek Semiconductor In...
HT75XX-3 HOLTEK-HT75XX-3 Datasheet
1Mb / 18P
   100mA Low Power LDO
logo
First Silicon Co., Ltd
FC75XXSA FS-FC75XXSA Datasheet
558Kb / 7P
   100mA Low Power LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com