Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82D20R Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT82D20R
Description  27MHz One Channel RX 8-Bit MCU
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82D20R Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT82D20R Datasheet HTML 4Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 5Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 6Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 7Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 8Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 9Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 10Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 11Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
HT82D20R/HT82D20A
Rev. 1.00
8
November 3, 2009
Stack Register
- STACK
This is a special part of the memory which is used to
save the contents of the program counter only. The
stack is organized into 4 levels and is neither part of the
data nor part of the program space, and is neither read-
able nor writeable. The activated level is indexed by the
stack pointer (SP) and is neither readable nor writeable.
At a subroutine call or interrupt acknowledge signal, the
contents of the program counter are pushed onto the
stack. At the end of a subroutine or an interrupt routine,
signaled by a return instruction (RET or RETI), the pro-
gram counter is restored to its previous value from the
stack. After a chip reset, the SP will point to the top of the
stack.
If the stack is full and a non-masked interrupt takes
place, the interrupt request flag will be recorded but the
acknowledge signal will be inhibited. When the stack
pointer is decremented (by RET or RETI), the interrupt
will be serviced. This feature prevents stack overflow al-
lowing the programmer to use the structure more easily.
In a similar case, if the stack is full and a
²CALL² is sub-
sequently executed, stack overflow occurs and the first
entry will be lost (only the most recent 4 return ad-
dresses are stored).
Data Memory
- RAM for Bank 0
The data memory is designed with 96
´8 bits. The data
memory is divided into two functional groups: special
function registers and general purpose data memory
(96
´8 bits). Most are read/write, but some are read only.
The unused space before 20H is reserved for future ex-
panded usage and reading these locations will get
²00H². The general purpose data memory, addressed
from 20H to 7FH, is used for data and control informa-
tion under instruction commands.
All of the data memory areas can handle arithmetic,
logic, increment, decrement and rotate operations di-
rectly. Except for some dedicated bits, each bit in the
data memory can be set and reset by
²SET [m].i² and
²CLR [m].i². They are also indirectly accessible through
memory pointer registers (MP0 or MP1).
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
G e n e r a l P u r p o s e
D A T A M E M O R Y
( 9 6 B y t e s )
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
7 F H
2 0 H
I A R 0
M P 0
I A R 1
M P 1
B P
A C C
P C L
T B L P
T B L H
W D T S
S T A T U S
I N T C
T M R H
T M R L
T M R C
P A
P A C
P B
P B C
U S C
U S R
S C C
T B H P
B a n k 0
1 9 H
Bank 0 RAM Mapping


Similar Part No. - HT82D20R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82D20R HOLTEK-HT82D20R Datasheet
284Kb / 42P
   27MHz One Channel RX 8-Bit MCU
HT82D20R HOLTEK-HT82D20R_10 Datasheet
284Kb / 42P
   27MHz One Channel RX 8-Bit MCU
More results

Similar Description - HT82D20R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82D20R HOLTEK-HT82D20R_10 Datasheet
284Kb / 42P
   27MHz One Channel RX 8-Bit MCU
HT82D22R HOLTEK-HT82D22R_10 Datasheet
271Kb / 41P
   27MHz Two Channel RX 8-Bit MCU
HT82D22R HOLTEK-HT82D22R Datasheet
300Kb / 41P
   27MHz Two Channel RX 8-Bit MCU
HT82K74E HOLTEK-HT82K74E Datasheet
348Kb / 56P
   27MHz Keyboard/ Mouse TX 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0003B TMT-T81L0003B Datasheet
100Kb / 16P
   8-bit MCU
T81L0010A TMT-T81L0010A_06 Datasheet
104Kb / 17P
   8-bit MCU
logo
ELAN Microelectronics C...
EM78P803A EMC-EM78P803A Datasheet
1Mb / 41P
   8-bit MCU
logo
Taiwan Memory Technolog...
T81L0010A TMT-T81L0010A Datasheet
99Kb / 15P
   8-bit MCU
logo
ELAN Microelectronics C...
EM78P803B EMC-EM78P803B Datasheet
543Kb / 44P
   8-bit MCU
logo
Holtek Semiconductor In...
HT95R24 HOLTEK-HT95R24 Datasheet
365Kb / 53P
   Phone 8-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com