Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3107 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3107
Description  SPI/I2C UART with 128-Word FIFOs and Internal Oscillator
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3107 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3107 Datasheet HTML 7Page - Maxim Integrated Products MAX3107 Datasheet HTML 8Page - Maxim Integrated Products MAX3107 Datasheet HTML 9Page - Maxim Integrated Products MAX3107 Datasheet HTML 10Page - Maxim Integrated Products MAX3107 Datasheet HTML 11Page - Maxim Integrated Products MAX3107 Datasheet HTML 12Page - Maxim Integrated Products MAX3107 Datasheet HTML 13Page - Maxim Integrated Products MAX3107 Datasheet HTML 14Page - Maxim Integrated Products MAX3107 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
______________________________________________________________________________________ 11
SPI/I2C UART with 128-Word FIFOs
and Internal Oscillator
Typical Operating Characteristics
(VA = 2.5V, VL = 2.5V, VEXT = 2.5V, LDOEN = VL, TA = +25NC, unless otherwise noted.)
GPIO_ OUTPUT LOW VOLTAGE
vs. SINK CURRENT (OPEN DRAIN)
VOL (V)
2
1
5
10
15
20
25
30
35
0
0
3
VEXT = 3.3V
VEXT = 2.5V
GPIO_ OUTPUT HIGH VOLTAGE
vs. SOURCE CURRENT (PUSH-PULL)
VOH (V)
3.0
2.5
2.0
1.5
1.0
0.5
5
10
15
20
25
30
35
0
0
3.5
VEXT = 3.3V
VEXT = 2.5V
INTERNAL OSCILLATOR FREQUENCY
DEVIATION vs. VA VOLTAGE
VA (V)
3.35
3.10
2.60
2.85
-0.3
-0.2
-0.1
0
0.2
0.1
0.3
0.4
-0.4
2.35
3.60
IA SUPPLY CURRENT vs. PLL FREQUENCY
PLL FREQUENCY (MHz)
2.25
2.50
2.75
3.00
3.25
3.50
3.75
4.00
4.25
4.50
4.75
5.00
5.25
5.50
5.75
2.00
10
100
PLL = x48
PLL = x96
PLL = x144
IA SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
20
40
60
80
100
120
140
0
-40
85
EXTERNAL 3.6MHz CLOCK
BAUD RATE = 115kbps
VA = 3.3V
VA = 2.5V
IA SUPPLY CURRENT vs. VA VOLTAGE
(EXTERNAL CRYSTAL, PLL ENABLED)
VA (V)
3.35
3.10
2.60
2.85
0.925
0.950
0.975
1.000
1.050
1.025
1.075
1.100
0.900
2.35
3.60
3.686MHz EXT. CRYSTAL
BAUD RATE = 115kbps
6x PLL MULT.FACTOR
LDOEN = VL
LDOEN = AGND
1.8V APPLIED TO V18
IA SUPPLY CURRENT vs. VA VOLTAGE
(INTERNAL CLOCK, PLL ENABLED)
VA (V)
3.35
3.10
2.85
2.60
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
2.5
2.35
3.60
BAUD RATE = 115kbps
6x PLL MULT.FACTOR
LDOEN = VL
LDOEN = AGND
1.8V APPLIED TO V18
IA SUPPLY CURRENT vs. VA VOLTAGE
(EXTERNAL CLOCK, PLL ENABLED)
VA (V)
3.35
3.10
2.85
2.60
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
2.0
2.35
3.60
EXTERNAL 614kHz CLOCK
BAUD RATE = 115kbps
6x PLL MULT.FACTOR
LDOEN = VL
LDOEN = AGND
1.8V APPLIED TO V18
IA SUPPLY CURRENT vs. VA VOLTAGE
(EXTERNAL CLOCK, PLL DISABLED)
VA (V)
3.35
3.10
2.85
2.60
20
40
60
80
100
120
140
0
2.35
3.60
EXTERNAL 3.6MHz CLOCK
BAUD RATE = 115kbps
LDOEN = VL
LDOEN = AGND
1.8V APPLIED TO V18


Similar Part No. - MAX3107

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3107 MAXIM-MAX3107 Datasheet
2Mb / 51P
   SPI/I2C UART with 128-Word FIFOs and Internal Oscillator
Rev 0; 10/09
MAX3107 MAXIM-MAX3107 Datasheet
2Mb / 52P
   SPI/I2C UART with 128-Word FIFOs
Rev 3; 8/11
MAX3107EAG++ MAXIM-MAX3107EAG+ Datasheet
2Mb / 51P
   SPI/I2C UART with 128-Word FIFOs and Internal Oscillator
Rev 0; 10/09
MAX3107ETG++ MAXIM-MAX3107ETG+ Datasheet
2Mb / 51P
   SPI/I2C UART with 128-Word FIFOs and Internal Oscillator
Rev 0; 10/09
MAX3107 MAXIM-MAX3107_11 Datasheet
2Mb / 52P
   SPI/I2C UART with 128-Word FIFOs
Rev 3; 8/11
More results

Similar Description - MAX3107

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3107 MAXIM-MAX3107 Datasheet
2Mb / 51P
   SPI/I2C UART with 128-Word FIFOs and Internal Oscillator
Rev 0; 10/09
MAX3107 MAXIM-MAX3107_15 Datasheet
1Mb / 52P
   SPI/I2C UART with 128-Word FIFOs
Rev 7; 5/15
MAX3107 MAXIM-MAX3107_11 Datasheet
2Mb / 52P
   SPI/I2C UART with 128-Word FIFOs
Rev 3; 8/11
MAX3108A MAXIM-MAX3108A Datasheet
1Mb / 56P
   SPI/I2C UART with 128-Word FIFOs in WLP
19-6449; Rev 1; 2/15
MAX3108 MAXIM-MAX3108 Datasheet
2Mb / 56P
   SPI/I2C UART with 128-Word FIFOs in WLP
Rev 1; 2/11
MAX3108 MAXIM-MAX3108_V01 Datasheet
2Mb / 56P
   SPI/I2C UART with 128-Word FIFOs in WLP
19-5723; Rev 2; 1/13
MAX14830 MAXIM-MAX14830_V01 Datasheet
1Mb / 68P
   Quad Serial UART with 128-Word FIFOs
19-5547; Rev 7; 2/16
MAX3109 MAXIM-MAX3109_V01 Datasheet
2Mb / 66P
   Dual Serial UART with 128-Word FIFOs
19-5806; Rev 6; 8/20
MAX3109 MAXIM-MAX3109_15 Datasheet
1Mb / 66P
   Dual Serial UART with 128-Word FIFOs
Rev 3; 2/15
MAX14830 MAXIM-MAX14830_15 Datasheet
2Mb / 68P
   Quad Serial UART with 128-Word FIFOs
Rev 5; 2/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com