Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT24LC02 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT24LC02
Description  CMOS 2K 2-Wire Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC02 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT24LC02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 9Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Timing Diagrams
Note:
The write cycle time tWR is the time from a valid stop condition of a write sequence to the end of the valid start
condition of sequential command.
HT24LC02
Rev. 1.70
6
May 6, 2010
· Random read
A random read requires a dummy byte write sequence
to load in the data word address which is then clocked
in and acknowledged by the EEPROM. The
microcontroller must then generate another start con-
dition. The microcontroller now initiates a current ad-
dress read by sending a device address with the
read/write select bit high. The EEPROM acknowl-
edges the device address and serially clocks out the
data word. The microcontroller should respond with a
²no ACK² signal (high) followed by a stop condition.
(refer to Random read timing).
· Sequential read
Sequential reads are initiated by either a current ad-
dress read or a random address read. After the
microcontroller receives a data word, it responds with an
acknowledgment. As long as the EEPROM receives an
acknowledgment, it will continue to increment the data
word address and serially clock out sequential data
words. When the memory address limit is reached, the
data word address will roll over and the sequential read
continues. The sequential read operation is terminated
when the microcontroller responds with a
²no ACK² sig-
nal (high) followed by a stop condition.
P
D e v i c e a d d r e s s
W o r d a d d r e s s
A C K
S t o p
S t a r t
S D A
A C K
N o A C K
S
A C K
D A T A
S
A 2 A 1 A 0
D e v i c e a d d r e s s
S t a r t
R a n d o m R e a d T i m i n g
S e q u e n t i a l R e a d T i m i n g
P
D e v i c e a d d r e s s
D A T A n
S t o p
S t a r t
S D A
A C K
S
A C K
D A T A n + 1
D A T A n + x
N o A C K
t f
t L O W
t r
t H I G H
t S U : S T A
t H D : S T A
t S P
t H D : D A T
t S U : D A T
t S U : S T O
t B U F
V a l i d
V a l i d
S C L
S D A
S D A
O U T
t A A
t W R
S C L
S D A
8 t h b i t
A C K
W o r d n
S t o p
C o n d i t i o n
S t a r t
C o n d i t i o n


Similar Part No. - HT24LC02

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC02 HOLTEK-HT24LC02 Datasheet
248Kb / 8P
   1K/2K 2-Wire CMOS Serial EEPROM
HT24LC02 HOLTEK-HT24LC02 Datasheet
123Kb / 12P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A Datasheet
123Kb / 11P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A_14 Datasheet
1Mb / 10P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02 HOLTEK-HT24LC02_14 Datasheet
2Mb / 12P
   CMOS 2K 2-Wire Serial EEPROM
More results

Similar Description - HT24LC02

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC02 HOLTEK-HT24LC02_14 Datasheet
2Mb / 12P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02 HOLTEK-HT24LC02 Datasheet
123Kb / 12P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A Datasheet
123Kb / 11P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A_14 Datasheet
1Mb / 10P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC01 HOLTEK-HT24LC01 Datasheet
248Kb / 8P
   1K/2K 2-Wire CMOS Serial EEPROM
logo
Integrated Silicon Solu...
IS24C02D ISSI-IS24C02D Datasheet
487Kb / 18P
   2K-bit 2-WIRE AUTOMOTIVE SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT93LC56 HOLTEK-HT93LC56 Datasheet
375Kb / 10P
   2K 3-Wire CMOS Serial EEPROM
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Sanyo Semicon Device
LE24C0221M SANYO-LE24C0221M Datasheet
101Kb / 11P
   CMOS IC Two Wire Serial Interface EEPROM (2k EEPROM)
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com