Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF01S Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # DF01S
Description  SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

DF01S Datasheet(HTML) 1 Page - Zowie Technology Corporation

  DF01S Datasheet HTML 1Page - Zowie Technology Corporation DF01S Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DF005S THRU DF10S
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
FEATURES
MECHANICAL DATA
* Glass Passivated Die Construction
* Diffused Junction
* Low Forward Voltage Drop, High Current Capability
* Surge Overload Rating to 50A Peak
* Designed for Surface Mount Application
* Plastic Material-UL Recognition Flammability
Classification 94V-0
* This Series is UL Listed Under Recognized
Component Index, File Number E95060
Case : Molded Plastic
Terminals : Plated Leads, solderable per
MIL-STD-750, Method 2026
Polarity : As marked on Case
Mounting Position: Any
Weight : 0.38 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum average forward rectified current @ TA=40
o
C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage @ IF=1.0 A
Maximum DC reverse current
at rated DC blocking voltage
@TC=25
o
C
@TC=125
o
C
Typical junction capacitance per element (NOTE 1)
Typical thermal resistance, junction to ambient (NOTE 2)
Operating junction and storage temperature range
SYMBOLS
VRRM
I (AV)
IFSM
VF
IR
CJ
R JA
TJ,TSTG
200
400
600
800
1000
1.0
50
1.1
10
500
25
110
-65 to +150
UNITS
Volts
Maximum RMS voltage
VRMS
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
200
100
70
100
DF02S
DF04S
DF06S
DF08S
DF10S
DF01S
DF005S
50
35
50
400
600
800
1000
Volts
Volts
Amps
Amps
uA
pF
I2t rating for fusing ( t < 8.3ms )
I2t
10.4
A
2
s
K / W
o
C
NOTES : (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
(2) Thermal resistance, junction to ambient, measured on PC board with 5.0mm2 (0.03mm thick) land areas.
Zowie Technology Corporation
REV. : 0
DF-S
*Dimensions in inches and (millimeters)
0.05(1.20)
0.13(3.40)
0.34(8.51)
0.06(1.53)
0.04(1.02)
0.32(8.13)
0.09(2.40)
0.04(1.00)
0.20(5.20)
0.20(5.00)


Similar Part No. - DF01S

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
DF01S SYNSEMI-DF01S Datasheet
444Kb / 2P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Recitifiers
logo
Won-Top Electronics
DF01S WTE-DF01S Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Vishay Siliconix
DF01S VISHAY-DF01S Datasheet
95Kb / 5P
   Miniature Glass Passivated Single-Phase Surface-Mount Bridge Rectifiers
01-Jan-2022
logo
DAESAN ELECTRONIC CORP.
DF01S DAESAN-DF01S Datasheet
236Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
Gulf Semiconductor
DF01S GULFSEMI-DF01S Datasheet
84Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
More results

Similar Description - DF01S

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
DB101S JINGHENG-DB101S Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABS202 JINGHENG-ABS202 Datasheet
46Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Pan Jit International I...
ABS2MS PANJIT-ABS2MS Datasheet
512Kb / 5P
   Surface Mount Glass Passivated Bridge Rectifier
REV.02 July 05,2021
PMS410 PANJIT-PMS410 Datasheet
240Kb / 5P
   Surface Mount Glass Passivated Bridge Rectifier
REV.00
logo
Jinan Jingheng (Group) ...
B1S JINANJINGHENG-B1S_17 Datasheet
51Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Jing Heng Electro...
MB10S JINGHENG-MB10S Datasheet
51Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Gaomi Xinghe Electronic...
ABS1 GXELECTRONICS-ABS1 Datasheet
317Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
B1S GXELECTRONICS-B1S Datasheet
316Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Jing Heng Electro...
MB1S JINGHENG-MB1S Datasheet
51Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
DB151S SY-DB151S Datasheet
177Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com