Part Name
         Description
ICL763XCCPE

 Single/Dual/Triple/Quad Operational Amplifiers ( 26 Page)


MAXIM
100% 
Zoom Out Zoom In
 
 5 page
background image
Single/Dual/Triple/Quad
Operational Amplifiers
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (Single/Dual) (continued)
(VSUPP = ±1.0V, IQ = 10µA, TA = +25°C, unless otherwise noted.)
ICL76XXA
ICL76XXB
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VO = ±0.1V, RL = 1M
Ω,
TA = +25°C
90
90
Large-Signal Voltage
Gain
AVOL
VO = ±0.1V, RL = 1M
Ω,
0°C
≤ TA ≤ +70°C
80
80
dB
Unity-Gain
Bandwidth
GBW
0.044
0.044
MHz
Input Resistance
RIN
10
12
10
12
Common-Mode
Rejection Ratio
CMRR
RS
≤ 100kΩ
80
80
dB
Power-Supply
Rejection Ratio
PSRR
RS
≤ 100kΩ
80
80
dB
Input-Referred Noise
Voltage
en
RS = 100
Ω, f = 1kHz
100
100
nV/
√Hz
Input-Referred Noise
Current
in
RS = 100
Ω, f = 1kHz
0.01
0.01
pA/
√Hz
Supply Current (Per
Amplifier)
ISUPP
No signal, no load
6
15
6
15
µA
Slew Rate
SR
AVOL = 1, CL = 100pF,
VIN = 0.2VP-P, RL = 1M
0.016
0.016
V/µs
Rise Time
tr
VIN = 50mV, CL = 100pF,
RL = 1M
20
20
µs
Overshoot Factor
VIN = 50mV, CL = 100pF,
RL = 1M
55
%
ELECTRICAL CHARACTERISTICS (Single/Dual)
(VSUPP = ±5.0V, TA = +25°C, unless otherwise noted.)
ICL76XXA
ICL76XXB
ICL76XXD
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RS
≤ 100kΩ,
TA = +25°C
25
15
Input Offset
Voltage
VOS
RS
≤ 100kΩ,
TMIN
≤ TA ≤ TMAX
37
20
mV
Temperature
Coefficient of VOS
∆VOS/∆TRS ≤ 100kΩ
10
15
25
µV/°C
TA = +25°C
0.5
30
0.5
30
0.5
30
C: 0°C
≤ TA
+70°C
300
300
300
E: -40°C
≤ TA
+85°C
800
800
800
Input Offset
Current
IOS
M: -55°C
≤ TA
+125°C
800
800
800
pA



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl