Part Name
         Description
ICL763XCCPE

 Single/Dual/Triple/Quad Operational Amplifiers ( 26 Page)


MAXIM
100% 
Zoom Out Zoom In
 16 page
background image
Single/Dual/Triple/Quad
Operational Amplifiers
16
______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (Triple/Quad) (continued)
(VSUPP = ±5.0V, TA = +25°C, unless otherwise noted.)
ICL76XXB
ICL76XXC
ICL76XXE
UNITS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
IQ = 10µA (Note 7)
0.044
0.044
0.044
IQ = 100µA (Note 9)
0.48
0.48
0.48
Unity-Gain
Bandwidth
GBW
IQ = 1mA (Note 8)
1.4
1.4
1.4
MHz
Input Resistance
RIN
10
12
10
12
10
12
RS
≤ 100kΩ,
IQ = 10µA (Note 7)
76
96
70
96
70
96
RS
≤ 100kΩ,
IQ = 100µA
76
91
70
91
70
91
Common-Mode
Rejection Ratio
CMRR
RS
≤ 100kΩ,
IQ = 1mA (Note 8)
66
87
60
87
60
87
dB
RS
≤ 100kΩ,
IQ = 10µA (Note 7)
80
94
80
94
80
94
RS
≤ 100kΩ,
IQ = 100µA
80
86
80
86
80
86
Power-Supply
Rejection Ratio
PSRR
RS
≤ 100kΩ,
IQ = 1mA (Note 8)
70
77
70
77
70
77
dB
Input-Referred
Noise Voltage
en
RS = 100
Ω, f = 1kHz
100
100
100
nV/
√Hz
Input-Referred
Noise Current
in
RS = 100
Ω, f = 1kHz
0.01
0.01
0.01
pA/
√Hz
IQ = 10µA
(Note 7)
0.01
0.022
0.01
0.022
0.01
0.022
IQ =
100µA
0.1
0.25
0.1
0.25
0.1
0.25
Supply Current
(Per Amplifier)
ISUPP
No
signal,
no load
IQ = 1mA
(Note 8)
1.0
2.5
1.0
2.5
1.0
2.5
mA
Channel
Separation
VO1 / VO2 AVOL = 100
120
120
120
dB
IQ = 10µA
(Note 7),
RL = 1M
0.016
0.016
0.016
IQ = 100µA,
RL = 100k
0.16
0.16
0.16
Slew Rate
(Note 10)
SR
AVOL =
1, CL =
100pF,
VIN =
8VP-P
IQ = 1mA
(Note 7),
RL = 10k
1.6
1.6
1.6
V/µs



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl