Part Name
         Description
ICL763XCCPE

 Single/Dual/Triple/Quad Operational Amplifiers ( 26 Page)


MAXIM
100% 
Zoom Out Zoom In
 15 page
background image
Single/Dual/Triple/Quad
Operational Amplifiers
______________________________________________________________________________________
15
ELECTRICAL CHARACTERISTICS (Triple/Quad) (continued)
(VSUPP = ±5.0V, TA = +25°C, unless otherwise noted.)
ICL76XXB
ICL76XXC
ICL76XXE
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
TA =
+25°C
86
104
80
104
80
104
C: 0°C
TA
+70°C
80
75
75
VO =
±4.0V,
RL =
1M
Ω,
IQ =
10µA
(Note 7)
M: -55°C
≤ TA
+125°C
74
68
68
TA =
+25°C
86
102
80
102
80
102
C: 0°C
TA
+70°C
80
75
75
VO =
±4.0V,
RL =
100k
Ω,
IQ =
100µA
M: -55°C
≤ TA
+125°C
74
68
68
TA =
+25°C
86
98
80
98
80
98
C: 0°C
TA
+70°C
80
75
75
Large-Signal
Voltage Gain
AVOL
VO =
±4.0V,
RL =
10k
(Note 8),
IQ =
1mA
(Note 7)
M: -55°C
≤ TA
+125°C
74
68
68
dB



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl