Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL763XBCPE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # ICL763XBCPE
Description  Single/Dual/Triple/Quad Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL763XBCPE Datasheet(HTML) 5 Page - Maxim Integrated Products

  ICL763XBCPE Datasheet HTML 1Page - Maxim Integrated Products ICL763XBCPE Datasheet HTML 2Page - Maxim Integrated Products ICL763XBCPE Datasheet HTML 3Page - Maxim Integrated Products ICL763XBCPE Datasheet HTML 4Page - Maxim Integrated Products ICL763XBCPE Datasheet HTML 5Page - Maxim Integrated Products ICL763XBCPE Datasheet HTML 6Page - Maxim Integrated Products ICL763XBCPE Datasheet HTML 7Page - Maxim Integrated Products ICL763XBCPE Datasheet HTML 8Page - Maxim Integrated Products ICL763XBCPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Single/Dual/Triple/Quad
Operational Amplifiers
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (Single/Dual) (continued)
(VSUPP = ±1.0V, IQ = 10µA, TA = +25°C, unless otherwise noted.)
ICL76XXA
ICL76XXB
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VO = ±0.1V, RL = 1M
Ω,
TA = +25°C
90
90
Large-Signal Voltage
Gain
AVOL
VO = ±0.1V, RL = 1M
Ω,
0°C
≤ TA ≤ +70°C
80
80
dB
Unity-Gain
Bandwidth
GBW
0.044
0.044
MHz
Input Resistance
RIN
10
12
10
12
Common-Mode
Rejection Ratio
CMRR
RS
≤ 100kΩ
80
80
dB
Power-Supply
Rejection Ratio
PSRR
RS
≤ 100kΩ
80
80
dB
Input-Referred Noise
Voltage
en
RS = 100
Ω, f = 1kHz
100
100
nV/
√Hz
Input-Referred Noise
Current
in
RS = 100
Ω, f = 1kHz
0.01
0.01
pA/
√Hz
Supply Current (Per
Amplifier)
ISUPP
No signal, no load
6
15
6
15
µA
Slew Rate
SR
AVOL = 1, CL = 100pF,
VIN = 0.2VP-P, RL = 1M
0.016
0.016
V/µs
Rise Time
tr
VIN = 50mV, CL = 100pF,
RL = 1M
20
20
µs
Overshoot Factor
VIN = 50mV, CL = 100pF,
RL = 1M
55
%
ELECTRICAL CHARACTERISTICS (Single/Dual)
(VSUPP = ±5.0V, TA = +25°C, unless otherwise noted.)
ICL76XXA
ICL76XXB
ICL76XXD
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RS
≤ 100kΩ,
TA = +25°C
25
15
Input Offset
Voltage
VOS
RS
≤ 100kΩ,
TMIN
≤ TA ≤ TMAX
37
20
mV
Temperature
Coefficient of VOS
∆VOS/∆TRS ≤ 100kΩ
10
15
25
µV/°C
TA = +25°C
0.5
30
0.5
30
0.5
30
C: 0°C
≤ TA
+70°C
300
300
300
E: -40°C
≤ TA
+85°C
800
800
800
Input Offset
Current
IOS
M: -55°C
≤ TA
+125°C
800
800
800
pA


Similar Part No. - ICL763XBCPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL763X MAXIM-ICL763X Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
More results

Similar Description - ICL763XBCPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
ICL7611DESA MAXIM-ICL7611DESA Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
ICL7611 MAXIM-ICL7611 Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
ICL761X MAXIM-ICL761X Datasheet
510Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 2; 4/08
ICL7612 MAXIM-ICL7612 Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
logo
Analog Devices
OP492 AD-OP492_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
OP292 AD-OP292_02 Datasheet
516Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
REV. B
OP292 AD-OP292_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
OP492GSZ AD-OP492GSZ Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
REV. C
logo
Texas Instruments
LMH6682 TI1-LMH6682 Datasheet
1Mb / 30P
[Old version datasheet]   Single Supply, Dual and Triple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com