Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK4021 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SK4021
Description  Switching Regulators and DC-DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK4021 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK4021_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK4021_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK4021_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK4021_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK4021_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK4021_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK4021
2009-09-29
3
VGS = 4V
4.5
5
5.5
15
8
10
Drain-source voltage VDS
(V)
ID – VDS
Drain-source voltage VDS
(V)
ID – VDS
Gate-source voltage VGS
(V)
ID – VGS
Gate-source voltage VGS
(V)
VDS – VGS
Drain current
ID (A)
|Yfs| – ID
Drain current
ID (A)
RDS (ON) – ID
20
30
0
4
6
8
10
2
0
10
8
12
16
20
0
4
6
8
10
2
04
110
0.1
1
0.1
1
10
0.1
1
0
2
4
6
8
10
4
6
8
10
0
2
4
8
0
4
6
8
2
0
2
10
10
10
6
0.1
Common source
Tc
= 25°C
Pulse Test
VGS = 4V
4.5
5
5.5
15
8
10
Common source
Tc
= 25°C
Pulse Test
Common source
VDS = 10 V
Pulse Test
Ta
= −55°C
100
25
Common source
Tc
= 25°C
Pulse Test
ID = 4.5 A
1
2
Common source
VDS = 10 V
Pulse Test
Ta
= −55°C
25
100
VGS = 10 V
15


Similar Part No. - 2SK4021_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK4021 TOSHIBA-2SK4021 Datasheet
271Kb / 6P
   Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SK4021 TOSHIBA-2SK4021 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK4021 ISC-2SK4021 Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK4021_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3398 TOSHIBA-2SK3398 Datasheet
217Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499_10 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3471 TOSHIBA-2SK3471_10 Datasheet
149Kb / 3P
   Switching Regulator and DC-DC Converter Applications
2SK3373 TOSHIBA-2SK3373 Datasheet
222Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3236 TOSHIBA-2SK3236_09 Datasheet
182Kb / 6P
   Switching Regulator Applications, DC-DC Converter and
2SK3265 TOSHIBA-2SK3265_09 Datasheet
427Kb / 6P
   Chopper Regulators DC−DC Converter and Motor Drive Applications
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK423 TOSHIBA-2SK423 Datasheet
121Kb / 3P
   HIGH SPEED SWITCHING APPLICATIONS. DC-DC CONVERTER AND INTERFACE APPLICATIONS.
2SK3499 TOSHIBA-2SK3499 Datasheet
224Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_09 Datasheet
200Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com