Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK4021 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK4021
Description  Switching Regulators and DC-DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK4021 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK4021_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK4021_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK4021_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK4021_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK4021_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK4021_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK4021
2009-09-29
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cutoff current
IDSS
VDS = 250 V, VGS = 0 V
100
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
250
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.5
3.5
V
Drain−source ON-resistance
RDS (ON)
VGS = 10 V, ID = 2.5 A
0.8
1.0
Ω
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 2.5 A
2.0
4.5
S
Input capacitance
Ciss
440
Reverse transfer capacitance
Crss
35
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
120
pF
Rise time
tr
15
Turn−on time
ton
20
Fall time
tf
15
Switching time
Turn−off time
toff
60
ns
Total gate charge (gate−source
plus gate−drain)
Qg
10
Gate−source charge
Qgs
6
Gate−drain (“Miller”) charge
Qgd
VDD 100 V, VGS = 10 V, ID = 4.5 A
4
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
4.5
A
Pulse drain reverse current
(Note 1)
IDRP
18
A
Forward voltage (diode)
VDSF
IDR = 4.5 A, VGS = 0 V
−2.0
V
Reverse recovery time
trr
110
ns
Reverse recovery charge
Qrr
IDR = 4.5 A, VGS = 0 V
dIDR / dt = 100 A / μs
0.47
μC
Marking
K4021
Lot No.
Note 4
Part No. (or abbreviation code)
Ω
μ
50
Ω
Note 4: A line under a Lot No. identifies the indication of product
Labels.
[[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.


Similar Part No. - 2SK4021_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK4021 TOSHIBA-2SK4021 Datasheet
271Kb / 6P
   Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SK4021 TOSHIBA-2SK4021 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK4021 ISC-2SK4021 Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK4021_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3398 TOSHIBA-2SK3398 Datasheet
217Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499_10 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3471 TOSHIBA-2SK3471_10 Datasheet
149Kb / 3P
   Switching Regulator and DC-DC Converter Applications
2SK3373 TOSHIBA-2SK3373 Datasheet
222Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3236 TOSHIBA-2SK3236_09 Datasheet
182Kb / 6P
   Switching Regulator Applications, DC-DC Converter and
2SK3265 TOSHIBA-2SK3265_09 Datasheet
427Kb / 6P
   Chopper Regulators DC−DC Converter and Motor Drive Applications
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK423 TOSHIBA-2SK423 Datasheet
121Kb / 3P
   HIGH SPEED SWITCHING APPLICATIONS. DC-DC CONVERTER AND INTERFACE APPLICATIONS.
2SK3499 TOSHIBA-2SK3499 Datasheet
224Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_09 Datasheet
200Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com