Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3869 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SK3869
Description  Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3869 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SK3869 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3869 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3869 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3869 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3869 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3869 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3869
2010-04-13
4
0
100
200
300
400
500
0
8
16
24
32
40
0
4
8
12
16
20
VDS
360V
180V
VDD=90V
0
1
2
3
4
5
-80
-40
0
40
80
120
160
1
10
100
1000
10000
0.1
1
10
100
Ciss
Coss
Crss
0.1
1
10
100
-1.6
-1.2
-0.8
-0.4
0
VGS=0、-1V
3
10
5
1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-80
-40
0
40
80
120
160
ID=10A
2.5
5
CASE TEMPERATURE
Tc (°C)
RDS (ON) − Tc
DRAIN
−SOURCE VOLTAGE VDS (V)
IDR − VDS
DRAIN
−SOURCE VOLTAGE VDS (V)
CAPACITANCE – VDS
CASE TEMPERATURE Tc (°C)
Vth − Tc
CASE TEMPERATURE
Tc (°C)
PD − Tc
TOTAL GATE CHARGE Qg (nC)
DYNAMIC INPUT/OUTPUT
CHARACTERISTICS
COMMON SOURCE
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
COMMON SOURCE
VDS = 10 V
ID = 1 mA
PULSE TEST
COMMON SOURCE
ID = 10 A
Tc
= 25°C
PULSE TEST
COMMON SOURCE
Tc
= 25°C
PULSE TEST
COMMON SOURCE
VGS = 10 V
PULSE TEST
60
0
0
40
80
120
160
20
40


Similar Part No. - 2SK3869

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3869 TOSHIBA-2SK3869 Datasheet
249Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3869 TOSHIBA-2SK3869 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3869 ISC-2SK3869 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3869

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com