Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC6107 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC6107
Description  Silicon P Channel MOS Type (U-MOSIV) Notebook PC Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6107 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC6107 Datasheet HTML 1Page - Toshiba Semiconductor TPC6107 Datasheet HTML 2Page - Toshiba Semiconductor TPC6107 Datasheet HTML 3Page - Toshiba Semiconductor TPC6107 Datasheet HTML 4Page - Toshiba Semiconductor TPC6107 Datasheet HTML 5Page - Toshiba Semiconductor TPC6107 Datasheet HTML 6Page - Toshiba Semiconductor TPC6107 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPC6107
2006-11-17
1
TOSHIBA Field Effect Transistor
Silicon P Channel MOS Type (U-MOSIV)
TPC6107
Notebook PC Applications
Portable Equipment Applications
• Small footprint due to small and thin package
• Low drain-source ON resistance: RDS (ON) = 40 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 9.6 S (typ.)
• Low leakage current: IDSS = −10 µA (max) (VDS = −20 V)
• Enhancement model: Vth = −0.5 to −1.2 V
(VDS = −10 V, ID = −200 µA)
Absolute Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
−20
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−20
V
Gate-source voltage
VGSS
±12
V
DC
(Note 1)
ID
−4.5
Drain current
Pulse (Note 1)
IDP
−18
A
Drain power dissipation
(t
= 5 s)
(Note 2a)
PD
2.2
W
Drain power dissipation
(t
= 5 s)
(Note 2b)
PD
0.7
W
Single pulse avalanche energy (Note 3)
EAS
1.3
mJ
Avalanche current
IAR
−2.25
A
Repetitive avalanche energy
(Note 4)
EAR
0.22
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Circuit Configuration
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to ambient
(t
= 5 s)
(Note 2a)
Rth (ch-a)
56.8
°C/W
Thermal resistance, channel to ambient
(t
= 5 s)
(Note 2b)
Rth (ch-a)
178.5
°C/W
Note: (Note 1), (Note 2), (Note 3), (Note 4) and (Note 5): See the next page.
This transistor is an electrostatic-sensitive device. Please handle with caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-3T1A
Weight: 0.011 g (typ.)
6
4
1
2
3
5


Similar Part No. - TPC6107

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TPC6107 VBSEMI-TPC6107 Datasheet
456Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - TPC6107

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8105 TOSHIBA-TPCA8105 Datasheet
291Kb / 7P
   Silicon P Channel MOS Type (U-MOS III) Notebook PC Applications
TPC8115 TOSHIBA-TPC8115 Datasheet
2Mb / 4P
   FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U-MOSIV)
TPC6004 TOSHIBA-TPC6004 Datasheet
202Kb / 7P
   Notebook PC Applications Portable Equipment Applications Silicon N Channel MOS Type (U-MOSIII)
TPC8114 TOSHIBA-TPC8114 Datasheet
168Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIV)
TPCP8J01 TOSHIBA-TPCP8J01_07 Datasheet
311Kb / 9P
   TOSHIBA Multi-chip Device Silicon P Channel MOS Type (U-MOSIV) /Silicon NPN Epitaxial Type
TPCP8J01 TOSHIBA-TPCP8J01 Datasheet
189Kb / 5P
   TOSHIBA Multi-chip Device Silicon P Channel MOS Type (U-MOSIV) /Silicon NPN Epitaxial Type
TK25A10K3 TOSHIBA-TK25A10K3 Datasheet
312Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIV)
TPCP8302 TOSHIBA-TPCP8302_08 Datasheet
272Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
TPC8127 TOSHIBA-TPC8127 Datasheet
222Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
TPCA8109 TOSHIBA-TPCA8109 Datasheet
238Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com