Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC8A02-H Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPC8A02-H
Description  竊큀SHIBA Field Effect Transistor with Built-in Schottky Barrier Diode High-Efficiency DC/DC Converter Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8A02-H Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPC8A02-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 7Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TPC8A02-H
2006-11-16
4
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
⎪Yfs⎪ − ID
Drain current ID (A)
RDS (ON) − ID
0.1
1
10
10
100
1
Common source
Ta
= 25°C
Pulse test
VGS = 4.5 V
100
Ta
= −55°C
25
100
Common source
VDS = 10 V
Pulse test
0
50
10
30
20
40
0
0.20
0.04
0.12
0.08
0.16
02
10
46
8
4
Common source
Ta
= 25°C
Pulse test
8
ID = 16 A
25
0.1
100
1
10
Common source
VDS = 10 V
Pulse test
Ta
= −55°C
100
0.1
100
10
1
10
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
0
20
4
12
8
16
0.2
0
1.0
0.4
0.6
0.8
Common source
Ta
= 25°C
Pulse test
VGS = 3 V
4.5
5
Common source
Ta
= 25°C
Pulse test
0
50
10
30
20
40
1
0
5
23
4
3.2
4
8
10
6
3.3
3.4
3.5
3.6
VGS = 3.2 V
3.4
3.5
3.6
3.7
3.8
3.9
4
4.5
10
5
6
1
0
5
2
3
4
6


Similar Part No. - TPC8A02-H

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TPC8A02-H VBSEMI-TPC8A02-H Datasheet
993Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - TPC8A02-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8A04-H TOSHIBA-TPCA8A04-H Datasheet
201Kb / 8P
   TOSHIBA Field Effect Transistor with Built-in Schottky Barrier Diode
TPC8A03-H TOSHIBA-TPC8A03-H Datasheet
217Kb / 8P
   TOSHIBA Field Effect Transistor with Built-in Schottky Barrier Diode
TPCA8014-H TOSHIBA-TPCA8014-H_06 Datasheet
338Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8004-H TOSHIBA-TPCA8004-H_06 Datasheet
462Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8015-H TOSHIBA-TPCA8015-H Datasheet
306Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8011-H TOSHIBA-TPCA8011-H Datasheet
441Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8116-H TOSHIBA-TPC8116-H Datasheet
285Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8213-H TOSHIBA-TPC8213-H Datasheet
324Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8005-H TOSHIBA-TPCA8005-H_06 Datasheet
445Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8016-H TOSHIBA-TPCA8016-H_06 Datasheet
308Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com