Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS17285-5+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS17285-5+
Description  Real-Time Clocks
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS17285-5+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS17285-5+ Datasheet HTML 1Page - Maxim Integrated Products DS17285-5+ Datasheet HTML 2Page - Maxim Integrated Products DS17285-5+ Datasheet HTML 3Page - Maxim Integrated Products DS17285-5+ Datasheet HTML 4Page - Maxim Integrated Products DS17285-5+ Datasheet HTML 5Page - Maxim Integrated Products DS17285-5+ Datasheet HTML 6Page - Maxim Integrated Products DS17285-5+ Datasheet HTML 7Page - Maxim Integrated Products DS17285-5+ Datasheet HTML 8Page - Maxim Integrated Products DS17285-5+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
General Description
The DS17285, DS17485, DS17885, DS17287, DS17487,
and DS17887 real-time clocks (RTCs) are designed to be
successors to the industry-standard DS12885 and
DS12887. The DS17285, DS17485, and DS17885 (here-
after referred to as the DS17x85) provide a real-time
clock/calendar, one time-of-day alarm, three maskable
interrupts with a common interrupt output, a programma-
ble square wave, and 114 bytes of battery-backed NV
SRAM. The DS17x85 also incorporates a number of
enhanced functions including a silicon serial number,
power-on/off control circuitry, and 2k, 4k, or 8kbytes of
battery-backed NV SRAM. The DS17287, DS17487, and
DS17887 (hereafter referred to as the DS17x87) integrate
a quartz crystal and lithium energy source into a 24-pin
encapsulated DIP package. The DS17x85 and DS17x87
power-control circuitry allows the system to be powered
on by an external stimulus such as a keyboard or by a
time-and-date (wake-up) alarm. The PWR output pin is
triggered by one or either of these events, and is used to
turn on an external power supply. The PWR pin is under
software control, so that when a task is complete, the sys-
tem power can then be shut down.
For all devices, the date at the end of the month is auto-
matically adjusted for months with fewer than 31 days,
including correction for leap years. It also operates in
either 24-hour or 12-hour format with an AM/PM indicator.
A precision temperature-compensated circuit monitors
the status of VCC. If a primary power failure is detected,
the device automatically switches to a backup supply. A
lithium coin cell battery can be connected to the VBAT
input pin on the DS17x85 to maintain time and date oper-
ation when primary power is absent. The DS17x85 and
DS17x87 include a VBAUX input used to power auxiliary
functions such as PWR control. The device is accessed
through a multiplexed byte-wide interface.
Applications
Embedded Systems
Utility Meters
Security Systems
Network Hubs, Bridges, and Routers
Features
♦ Incorporates Industry-Standard DS12887 PC
Clock Plus Enhanced Functions
♦ RTC Counts Seconds, Minutes, Hours, Day, Date,
Month, and Year with Leap Year Compensation
Through 2099
♦ Optional +3.0V or +5.0V Operation
♦ SMI Recovery Stack
♦ 64-Bit Silicon Serial Number
♦ Power-Control Circuitry Supports System Power-
On from Date/Time Alarm or Key Closure
♦ Crystal Select Bit Allows Operation with 6pF or
12.5pF Crystal
♦ 12-Hour or 24-Hour Clock with AM and PM in
12-Hour Mode
♦ 114 Bytes of General-Purpose, Battery-Backed NV
SRAM
♦ Extended Battery-Backed NV SRAM
2048 Bytes (DS17285/DS17287)
4096 Bytes (DS17485/DS17487)
8192 Bytes (DS17885/DS17887)
♦ RAM Clear Function
♦ Interrupt Output with Six Independently Maskable
Interrupt Flags
♦ Time-of-Day Alarm Once per Second to Once per
Day
♦ End of Clock Update Cycle Flag
♦ Programmable Square-Wave Output
♦ Automatic Power-Fail Detect and Switch Circuitry
♦ Available in PDIP, SO, or TSOP Package
(DS17285, DS17485, DS17885)
♦ Optional Encapsulated DIP (EDIP) Package with
Integrated Crystal and Battery (DS17287,
DS17487, DS17887)
♦ Optional Industrial Temperature Range Available
♦ Underwriters Laboratory (UL) Recognized
Real-Time Clocks
______________________________________________
Maxim Integrated Products
1
19-5222; Rev 1; 4/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information, Pin Configurations, and Typical
Operating Circuit appear at end of data sheet.


Similar Part No. - DS17285-5+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17285-5 DALLAS-DS17285-5 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS17285-5 MAXIM-DS17285-5 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
More results

Similar Description - DS17285-5+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12885 MAXIM-DS12885_10 Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
DS17285 MAXIM-DS17285 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Mercury United Electron...
ME83 MERCURY-ME83 Datasheet
399Kb / 5P
   Frequency reference for real time clocks
logo
Abracon Corporation
ASH7K ABRACON-ASH7K Datasheet
1Mb / 2P
   Clock drivers for Real Time Clocks
12.27.11
logo
Maxim Integrated Produc...
DS1501 MAXIM-DS1501 Datasheet
277Kb / 21P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 011607
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
   Serial real-time clocks with alarm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com