Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS8005 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS8005
Description  Smart Card Intergace
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8005 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS8005 Datasheet HTML 1Page - Maxim Integrated Products DS8005 Datasheet HTML 2Page - Maxim Integrated Products DS8005 Datasheet HTML 3Page - Maxim Integrated Products DS8005 Datasheet HTML 4Page - Maxim Integrated Products DS8005 Datasheet HTML 5Page - Maxim Integrated Products DS8005 Datasheet HTML 6Page - Maxim Integrated Products DS8005 Datasheet HTML 7Page - Maxim Integrated Products DS8005 Datasheet HTML 8Page - Maxim Integrated Products DS8005 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Smart Card Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(VDD = +3.3V, VDDA = +5.0V, TA = +25°C, unless otherwise noted. All specifications apply to the device, unless otherwise noted in
the CONDITIONS column.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VDD Relative to GND ...............-0.5V to +6.5V
Voltage Range on VDDA Relative to GND .............-0.5V to +6.5V
Voltage Range on CLKA, RSTA, I/OA ......-0.5V to (VCCA + 0.5V)
Voltage Range on CLKB, RSTB, I/OB ......-0.5V to (VCCB + 0.5V)
Voltage Range on All Other Pins
Relative to GND.......................................-0.5V to (VDD + 0.5V)
Maximum Junction Temperature .....................................+125°C
Maximum Power Dissipation Range (TA = -25°C to +85°C)..700mW
Storage Temperature Range ............................-55°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Digital Supply Voltage
VDD
2.7
6.0
V
Card Voltage-Generator Supply Voltage
VDDA
Must be
VDD
4.75
6.0
V
VTH2
Threshold voltage (falling)
2.20
2.45
2.65
V
Reset Voltage Thresholds
VHYS2
Hysteresis
50
100
200
mV
CURRENT CONSUMPTION
Active VDD Current 5V Cards
(Including 80mA Draw from 5V Card)
IDD_50V
ICC = 80mA, fXTAL = 20MHz,
fCLK = 10MHz, VDDA = 5.0V
80.75
85
mA
Active VDD Current 5V Cards (Current
Consumed by Device Only)
IDD_IC
ICC = 80mA, fXTAL = 20MHz,
fCLK = 10MHz, VDDA = 5.0V (Note 2)
0.75
5
mA
Active VDD Current 3V Cards
(Including 65mA Draw from 3V Card)
IDD_30V
ICC = 65mA, fXTAL = 20MHz,
fCLK = 10MHz, VDDA = 5.0V
65.75
70
mA
Active VDD Current 3V Cards (Current
Consumed by Device Only)
IDD_IC
ICC = 65mA, fXTAL = 20MHz,
fCLK = 10MHz, VDDA = 5.0V (Note 2)
0.75
5
mA
Active VDD Current 1.8V Cards
(Including 30mA Draw from 1.8V Card)
IDD_18V
ICC = 30mA, fXTAL = 20MHz,
fCLK = 10MHz, VDDA = 5.0V
30.75
40
mA
Active VDD Current 1.8V Cards (Current
Consumed by Device Only)
IDD_IC
ICC = 30mA, fXTAL = 20MHz,
fCLK = 10MHz, VDDA = 5.0V (Note 2)
0.75
5
mA
Inactive-Mode Current
IDD
Card inactive, active-high PRES_,
device not in stop mode
50
400
μA
Stop-Mode Current
IDD_STOP
Device in ultra-low-power stop
mode (CMDVCC, 5V/3V, and 1_8V
set to logic 1) (Note 3)
0.01
2
μA


Similar Part No. - DS8005

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
DS8007 MAXIM-DS8007 Datasheet
331Kb / 41P
   Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
Rev 3; 7/11
logo
Dallas Semiconductor
DS8007-ENG DALLAS-DS8007-ENG Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
DS8007-ENG MAXIM-DS8007-ENG Datasheet
331Kb / 41P
   Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
Rev 3; 7/11
logo
Dallas Semiconductor
DS8007-ENG++ DALLAS-DS8007-ENG+ Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
More results

Similar Description - DS8005

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CCM02-MKI ITT-CCM02-MKI Datasheet
68Kb / 1P
   Smart Card
CCM04-MKII ITT-CCM04-MKII Datasheet
62Kb / 1P
   Smart Card
CCM-J ITT-CCM-J Datasheet
63Kb / 1P
   Smart Card
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Adam Technologies, Inc.
SCS-4-08-NC-SG-X ADAM-TECH-SCS-4-08-NC-SG-X Datasheet
93Kb / 1P
   SMART CARD SOCKET
SCS-6-08-NC-SG ADAM-TECH-SCS-6-08-NC-SG Datasheet
105Kb / 1P
   SMART CARD SOCKET
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
   Smart Card Interface
Rev 1; 2/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com