Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2777 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS2777
Description  2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2777 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS2777 Datasheet HTML 1Page - Maxim Integrated Products DS2777 Datasheet HTML 2Page - Maxim Integrated Products DS2777 Datasheet HTML 3Page - Maxim Integrated Products DS2777 Datasheet HTML 4Page - Maxim Integrated Products DS2777 Datasheet HTML 5Page - Maxim Integrated Products DS2777 Datasheet HTML 6Page - Maxim Integrated Products DS2777 Datasheet HTML 7Page - Maxim Integrated Products DS2777 Datasheet HTML 8Page - Maxim Integrated Products DS2777 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
2-Cell, Stand-Alone, Li+ Fuel-Gauge IC with
Protector and Optional SHA-1 Authentication
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS: 2-WIRE INTERFACE (DS2777/DS2778 ONLY)
(VDD = +4.0V to +9.2V, TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
(Note 4)
0
400
kHz
Bus-Free Time Between a STOP
and START Condition
tBUF
1.3
μs
Hold Time (Repeated) START
Condition
tHD:STA
(Note 5)
0.6
μs
Low Period of SCL Clock
tLOW
1.3
μs
High Period of SCL Clock
tHIGH
0.6
μs
Setup Time for a Repeated
START Condition
tSU:STA
0.6
μs
Data Hold Time
tHD:DAT
(Notes 6, 7)
0
0.9
μs
Data Setup Time
tSU:DAT
(Note 6)
100
ns
Rise Time of Both SDA and SCL
Signals
tR
20 +
0.1CB
300
ns
Fall Time of Both SDA and SCL
Signals
tF
20 +
0.1CB
300
ns
Setup Time for STOP Condition
tSU:STO
0.6
μs
Spike Pulse Widths Suppressed
by Input Filter
tSP
(Note 8)
0
50
ns
Capacitive Load for Each Bus
Line
CB
(Note 9)
400
pF
SCL, SDA Input Capacitance
CBIN
60
pF
Note 1: Accumulation bias and offset bias registers set to 00h. NBEN bit set to 0.
Note 2: Measurement made with VSRC = +8V, VGS driven with external +4.5V supply.
Note 3: Overvoltage (OV) and undervoltage (UV) delays (tOVD, tUVD) are reduced to zero seconds if the OV or UV condition is
detected within 100ms of entering active mode.
Note 4: Timing must be fast enough to prevent the DS2777/DS2778 from entering sleep mode due to bus low for period > tSLEEP.
Note 5: fSCL must meet the minimum clock low time plus the rise/fall times.
Note 6: The maximum tHD:DAT need only be met if the device does not stretch the low period (tLOW) of the SCL signal.
Note 7: This device internally provides a hold time of at least 75ns for the SDA signal (referred to the VIHMIN of the SCL signal) to
bridge the undefined region of the falling edge of SCL.
Note 8: Filters on SDA and SCL suppress noise spikes at the input buffers and delay the sampling instant.
Note 9: CB is total capacitance of one bus line in pF.


Similar Part No. - DS2777

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2777 MAXIM-DS2777 Datasheet
684Kb / 44P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 0; 10/08
DS2777 MAXIM-DS2777 Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
DS2777G MAXIM-DS2777G Datasheet
711Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 4; 6/11
DS2777G++ MAXIM-DS2777G+ Datasheet
684Kb / 44P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 0; 10/08
DS2777G++ MAXIM-DS2777G+ Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
More results

Similar Description - DS2777

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2775 MAXIM-DS2775 Datasheet
684Kb / 44P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 0; 10/08
DS2775 MAXIM-DS2775_09 Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
DS2775 MAXIM-DS2775_11 Datasheet
711Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 4; 6/11
DS2784 MAXIM-DS2784_12 Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
DS2784 MAXIM-DS2784 Datasheet
456Kb / 38P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
REV: 071107
DS2784 MAXIM-DS2784_10 Datasheet
759Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
19-4636; 4/10
DS2784 MAXIM-DS2784_09 Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2775 MAXIM-DS2775_V01 Datasheet
1Mb / 46P
   2-Cell, Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2784 MAXIM-DS2784_V01 Datasheet
2Mb / 40P
   1-Cell Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2781 MAXIM-DS2781_V01 Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com